Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60N06 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 60N06 Datasheet

  • # Example questions: ➢ What is the maximum drain current (id) this mosfet can handle, and under what conditions (e.g., case temperature)?
    ➢ What is the safe operating area (soa) of this mosfet, and what does it indicate about the device's limitations?
    ➢ How does the gate charge (qg) change with increasing drain-to-source voltage (vds)?

  • Part No.60N06
    ManufacturerUTC
    Size201 Kbytes
    Pages8 pages
    Description60 Amps, 60 Volts N-CHANNEL POWER MOSFET
    Datasheet Summary with AI

    # UNISONIC 60N06 Power MOSFET

    ## Description
    N-channel enhancement mode power field-effect transistor for telecom and computer applications.

    ## Features
    ️· RDS(ON) = 18mΩ @VGS = 10 V
    ️· Ultra low gate charge (typical 39 nC)
    ️· Fast switching capability
    ️· Low reverse transfer Capacitance (CRSS = typical 115 pF)
    ️· Avalanche energy specified
    ️· Improved dv/dt capability, high ruggedness

    ## Ordering Information
    ️· 60N06-TA3-T: TO-220 package, Tube packing
    ️· 60N06L-TA3-T: TO-220 package, Lead-free plating, Tube packing
    - G = Gate, D = Drain, S = Source

    ## Absolute Maximum Ratings
    ️· Drain to Source Voltage (VDSS): 60 V
    ️· Gate to Source Voltage (VGS): ±20 V
    ️· Continuous Drain Current (ID): 60 A (TC = 25°C), 39 A (TC = 100°C)
    ️· Pulsed Drain Current (IDM): 120 A
    ️· Avalanche Energy (EAS): 1000 mJ
    ️· Repetitive Avalanche Energy (EAR): 180 mJ
    ️· Total Power Dissipation (PD): 120 W
    ️· Junction Temperature (TJ): +175°C
    ️· Storage Temperature (TSTG): -55°C to +175°C

    ## Thermal Data
    ️· Thermal Resistance (θJA): 62.5 °C/W
    ️· Thermal Resistance (θJC): 1.25 °C/W

    ## Electrical Characteristics (TC = 25°C)
    OFF Characteristics
    ️· Drain-Source Breakdown Voltage (BVDSS): 60 V
    ️· Drain-Source Leakage Current (IDSS): 1 µA
    ️· Gate-Source Leakage Current (IGSS): ±100 nA

    ON Characteristics
    ️· Gate Threshold Voltage (VGS(TH)): 2.0 - 4.0 V
    ️· Static Drain-Source On-State Resistance (RDS(ON)): 14 - 18 mΩ @ VGS = 10 V, ID = 30 A

    Dynamic Characteristics
    ️· Input Capacitance (CISS): 2000 pF
    ️· Output Capacitance (COSS): 400 pF
    ️· Reverse Transfer Capacitance (CRSS): 115 pF

    Switching Characteristics
    ️· Turn-On Delay Time (tD(ON)): 12-30 ns
    ️· Rise Time (tR): 11-30 ns
    ️· Turn-Off Delay Time (tD(OFF)): 25-50 ns
    ️· Fall Time (tF): 15-30 ns
    ️· Total Gate Charge (QG): 39-60 nC
    ️· Gate-Source Charge (QGS): 12 nC
    ️· Gate-Drain Charge (QGD): 10 nC

    Source-Drain Diode Characteristics
    ️· Diode Forward Voltage (VSD): 1.6 V
    ️· Continuous Source Current (IS): 60 A
    ️· Pulsed Source Current (ISM): 120 A
    ️· Reverse Recovery Time (tRR): 60 ns
    ️· Reverse Recovery Charge (QRR): 3.4 µC

    # UNISONIC 60N06 Power MOSFET

    ## Description
    N-channel enhancement mode power field-effect transistor for telecom and computer applications.

    ## Features
    ️· RDS(ON) = 18mΩ @VGS = 10 V
    ️· Ultra low gate charge (typical 39 nC)
    ️· Fast switching capability
    ️· Low reverse transfer Capacitance (CRSS = typical 115 pF)
    ️· Avalanche energy specified
    ️· Improved dv/dt capability, high ruggedness

    ## Ordering Information
    ️· 60N06-TA3-T: TO-220 package, Tube packing
    ️· 60N06L-TA3-T: TO-220 package, Lead-free plating, Tube packing
    - G = Gate, D = Drain, S = Source

    ## Absolute Maximum Ratings
    ️· Drain to Source Voltage (VDSS): 60 V
    ️· Gate to Source Voltage (VGS): ±20 V
    ️· Continuous Drain Current (ID): 60 A (TC = 25°C), 39 A (TC = 100°C)
    ️· Pulsed Drain Current (IDM): 120 A
    ️· Avalanche Energy (EAS): 1000 mJ
    ️· Repetitive Avalanche Energy (EAR): 180 mJ
    ️· Total Power Dissipation (PD): 120 W
    ️· Junction Temperature (TJ): +175°C
    ️· Storage Temperature (TSTG): -55°C to +175°C

    ## Thermal Data
    ️· Thermal Resistance (θJA): 62.5 °C/W
    ️· Thermal Resistance (θJC): 1.25 °C/W

    ## Electrical Characteristics (TC = 25°C)
    OFF Characteristics
    ️· Drain-Source Breakdown Voltage (BVDSS): 60 V
    ️· Drain-Source Leakage Current (IDSS): 1 µA
    ️· Gate-Source Leakage Current (IGSS): ±100 nA

    ON Characteristics
    ️· Gate Threshold Voltage (VGS(TH)): 2.0 - 4.0 V
    ️· Static Drain-Source On-State Resistance (RDS(ON)): 14 - 18 mΩ @ VGS = 10 V, ID = 30 A

    Dynamic Characteristics
    ️· Input Capacitance (CISS): 2000 pF
    ️· Output Capacitance (COSS): 400 pF
    ️· Reverse Transfer Capacitance (CRSS): 115 pF

    Switching Characteristics
    ️· Turn-On Delay Time (tD(ON)): 12-30 ns
    ️· Rise Time (tR): 11-30 ns
    ️· Turn-Off Delay Time (tD(OFF)): 25-50 ns
    ️· Fall Time (tF): 15-30 ns
    ️· Total Gate Charge (QG): 39-60 nC
    ️· Gate-Source Charge (QGS): 12 nC
    ️· Gate-Drain Charge (QGD): 10 nC

    Source-Drain Diode Characteristics
    ️· Diode Forward Voltage (VSD): 1.6 V
    ️· Continuous Source Current (IS): 60 A
    ️· Pulsed Source Current (ISM): 120 A
    ️· Reverse Recovery Time (tRR): 60 ns
    ️· Reverse Recovery Charge (QRR): 3.4 µC

    Part No.60N06
    ManufacturerUTC
    Size201 Kbytes
    Pages8 pages
    Description60 Amps, 60 Volts N-CHANNEL POWER MOSFET