Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60N06 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 60N06
Description  60 Amps, 60 Volts N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

60N06 Datasheet(HTML) 5 Page - Unisonic Technologies

  60N06 Datasheet HTML 1Page - Unisonic Technologies 60N06 Datasheet HTML 2Page - Unisonic Technologies 60N06 Datasheet HTML 3Page - Unisonic Technologies 60N06 Datasheet HTML 4Page - Unisonic Technologies 60N06 Datasheet HTML 5Page - Unisonic Technologies 60N06 Datasheet HTML 6Page - Unisonic Technologies 60N06 Datasheet HTML 7Page - Unisonic Technologies 60N06 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
60N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-121.A
TEST CIRCUITS AND WAVEFORMS (Cont.)
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com