| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE5TR1004 Datasheet
# Example questions:
➢ What connector screw thread standard does the pe5tr1004 utilize?
➢ What precautions should be taken when inserting a male connector into the female connector of the pe5tr1004?
➢ What is the maximum frequency supported by this 75 ohm f female general purpose calibration kit component load?
# PE5TR1004 - 75 Ohm F Female Calibration Kit Component
## Overview
️· 75 Ohm F Female connector type.
️· Designed for calibration of test equipment (VNA, etc.).
️· Frequency range: DC to 3 GHz.
## Specifications
Electrical
️· Impedance: 75 Ohms
️· Return Loss:
- DC - 1000 MHz: 38-40 dB
- 1001 - 3000 MHz: 36-38 dB
Mechanical
️· Housing: Copper Tube
️· Connector Screw Thread: W3/8"-32 UNEF
️· Dimensions: 0.697" [17.7 mm] diameter, 1.532" [38.9 mm] length
️· Weight: 45.8 g
## Applications
️· VNA Full 2-Port CAL
️· VNA Thru CAL
️· VNA Substitution CAL Method
️· Test & Measurement
️· Lab Equipment
️· Engineering Test and Evaluation
## Usage Notes
️· Keep protective caps installed when not in use.
️· Store in a climate-controlled environment.
️· Keep connectors clean; avoid touching the interface.
️· Do not insert male pins greater than 0.037" [.94 mm] into female connectors.
️· Ensure components are fixed while rotating the coupling nut during mating/de-mating.
️· Inspect and clean connector threads with alcohol if needed.
️· Use at room temperature.
## Compliance
️· RoHS Compliant
️· REACH Compliant (06/16/2014)
# PE5TR1004 - 75 Ohm F Female Calibration Kit Component
## Overview
️· 75 Ohm F Female connector type.
️· Designed for calibration of test equipment (VNA, etc.).
️· Frequency range: DC to 3 GHz.
## Specifications
Electrical
️· Impedance: 75 Ohms
️· Return Loss:
- DC - 1000 MHz: 38-40 dB
- 1001 - 3000 MHz: 36-38 dB
Mechanical
️· Housing: Copper Tube
️· Connector Screw Thread: W3/8"-32 UNEF
️· Dimensions: 0.697" [17.7 mm] diameter, 1.532" [38.9 mm] length
️· Weight: 45.8 g
## Applications
️· VNA Full 2-Port CAL
️· VNA Thru CAL
️· VNA Substitution CAL Method
️· Test & Measurement
️· Lab Equipment
️· Engineering Test and Evaluation
## Usage Notes
️· Keep protective caps installed when not in use.
️· Store in a climate-controlled environment.
️· Keep connectors clean; avoid touching the interface.
️· Do not insert male pins greater than 0.037" [.94 mm] into female connectors.
️· Ensure components are fixed while rotating the coupling nut during mating/de-mating.
️· Inspect and clean connector threads with alcohol if needed.
️· Use at room temperature.
## Compliance
️· RoHS Compliant
️· REACH Compliant (06/16/2014)
| Part No. | PE5TR1004 |
| Manufacturer | PASTERNACK |
| Size | 508 Kbytes |
| Pages | 5 pages |
| Description | 75 Ohm F Female General Purpose Calibration Kit Component Load Operating From DC to 3 GHz |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |