Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5TR1004 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE5TR1004
Description  75 Ohm F Female General Purpose Calibration Kit Component Load Operating From DC to 3 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5TR1004 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE5TR1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5TR1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE5TR1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE5TR1004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5TR1004 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TECHNICAL DATA SHEET
#
Notes
1
Keep provided protective blue caps installed when not in use.
2
Store in climate controlled environment.
3
Always keep connectors clean.
4
Avoid touching the connector interface.
5
Use caution when handling.
6
For female components, do not insert male pin greater than 0.037" [.94 mm]. Failure to
comply will result in damage to the female connector.
7
When mating, always ensure that the components to be interconnected remain in a fixed
position while rotating only the coupling nut slowly to mate the connectors.
8
When de-mating, always ensure that the interconnected components remain in a fixed
position while rotating only the coupling nut slowly to de-mate the connectors.
9
Visually inspect the connector threads prior to use. If needed, clean the center conductor
pin and outer conductor with alcohol to remove any debris that may be present. Be sure to
apply the alcohol in a circular motion with a lint-free cloth or applicator.
10 Use at room temperature.
General Instructions and Usage Notes
PE5TR1004
PE5TR1004 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Female General Purpose Calibration Kit Component Load Operating From DC to
3 GHz PE5TR1004
75 Ohm F Female General Purpose Calibration Kit
Component Load Operating From DC to 3 GHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com