Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF92MS24 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HDF92MS24 Datasheet

  • # Example questions: ➢ What is the acceptable tolerance for the center frequency of 9025 mhz, based on the specification for fc+/-100 khz?
    ➢ What is the duration and temperature profile for the temperature cycling test this filter must withstand?
    ➢ What is the maximum rf power dissipation this saw filter can handle without performance degradation?

  • Part No.HDF92MS24
    ManufacturerSHOULDER
    Size136 Kbytes
    Pages6 pages
    DescriptionThis specification shall cover the characteristics of SAW filter 92.025MHz with used for remote-control security.
    Datasheet Summary with AI

    # SAW Filter HDF92M SMD-24 Specification

    ## Electrical Characteristics
    ️· Center Frequency: 92.025 MHz
    ️· Insertion Loss: 5.5 dB max
    ️· -1dB Passwidth: 20 kHz min, 50 kHz typ
    ️· -3dB Passwidth: 30 kHz min, 60 kHz typ
    ️· Pass Band Ripple: 1.0 dB max (+/-15kHz)
    ️· Fc+/-100kHz: 32.0 dB min
    ️· Fc+200kHz~+500kHz: 22.0 dB min
    ️· Fc+500kHz~+1000kHz: 37.0 dB min
    ️· Fc-300kHz~-900kHz: 52.0 dB min
    ️· Fc-900kHz~-920kHz: 56.0 dB min
    ️· Fc-920kHz~-1000kHz: 52.0 dB min
    ️· Input Power: 0 dBm
    ️· Group Delay Variation: 4 µs pk-pk
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -45°C to +85°C

    ## Environmental Tests


    ️· High Temperature Exposure: +85°C for 16 hours
    ️· Low Temperature Exposure: -40°C for 16 hours
    ️· Temperature Cycling: -40°C to +85°C
    ️· Solder Heat Resistance: 260°C ±10°C for 10±1 sec
    ️· Solderability: 245°C ±5°C for 5s
    ️· Mechanical Shock: Drop from 1m
    ️· Vibration: 1.5mm amplitude at 10-55Hz

    ## Remark
    ️· Avoid static voltage.
    ️· Avoid ultrasonic cleaning.
    ️· Solder only the leads of the component.
    ️· All dimension tolerance is <0.2mm.

    # SAW Filter HDF92M SMD-24 Specification

    ## Electrical Characteristics
    ️· Center Frequency: 92.025 MHz
    ️· Insertion Loss: 5.5 dB max
    ️· -1dB Passwidth: 20 kHz min, 50 kHz typ
    ️· -3dB Passwidth: 30 kHz min, 60 kHz typ
    ️· Pass Band Ripple: 1.0 dB max (+/-15kHz)
    ️· Fc+/-100kHz: 32.0 dB min
    ️· Fc+200kHz~+500kHz: 22.0 dB min
    ️· Fc+500kHz~+1000kHz: 37.0 dB min
    ️· Fc-300kHz~-900kHz: 52.0 dB min
    ️· Fc-900kHz~-920kHz: 56.0 dB min
    ️· Fc-920kHz~-1000kHz: 52.0 dB min
    ️· Input Power: 0 dBm
    ️· Group Delay Variation: 4 µs pk-pk
    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -45°C to +85°C

    ## Environmental Tests

    ️· High Temperature Exposure: +85°C for 16 hours
    ️· Low Temperature Exposure: -40°C for 16 hours
    ️· Temperature Cycling: -40°C to +85°C
    ️· Solder Heat Resistance: 260°C ±10°C for 10±1 sec
    ️· Solderability: 245°C ±5°C for 5s
    ️· Mechanical Shock: Drop from 1m
    ️· Vibration: 1.5mm amplitude at 10-55Hz

    ## Remark
    ️· Avoid static voltage.
    ️· Avoid ultrasonic cleaning.
    ️· Solder only the leads of the component.
    ️· All dimension tolerance is <0.2mm.

    Part No.HDF92MS24
    ManufacturerSHOULDER
    Size136 Kbytes
    Pages6 pages
    DescriptionThis specification shall cover the characteristics of SAW filter 92.025MHz with used for remote-control security.