Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF92MS24 Datasheet(PDF) 1 Page - Shoulder Electronics Limited.

Part # HDF92MS24
Description  This specification shall cover the characteristics of SAW filter 92.025MHz with used for remote-control security.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF92MS24 Datasheet(HTML) 1 Page - Shoulder Electronics Limited.

  HDF92MS24 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF92MS24 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF92MS24 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF92MS24 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF92MS24 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF92MS24 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 1 of 6
规格书编号
SPEC NO :
产
产品
品规
规格
格书
书
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
CUSTOMER 客 户:
PRODUCT
产 品:
SAW FILTER
MODEL NO 型 号:
HDF92M SMD-24
PREPARED 编 制:
CHECKED 审 核:
APPROVED 批 准:
D A T E 日 期:
2006-3-22
无锡市好达电子有限公司
Shoulder Electronics Limited
客户确认 CUSTOMER RECEIVED:
审核 CHECKED
批准 APPROVED
日期 DATE


Similar Part No. - HDF92MS24

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF921A2S4 SHOULDER-HDF921A2S4 Datasheet
164Kb / 8P
Low-Loss SAW Filter of cordless system
HDF9225AS6 SHOULDER-HDF9225AS6 Datasheet
178Kb / 7P
This specification shall cover the characteristics of SAW filter With HDF922.5A used for the page system.
HDF922A1S6 SHOULDER-HDF922A1S6 Datasheet
161Kb / 8P
Low-Loss SAW Filter of cordless system
HDF922AS6 SHOULDER-HDF922AS6 Datasheet
160Kb / 8P
Operation Temperature Range
HDF924ANS6 SHOULDER-HDF924ANS6 Datasheet
222Kb / 9P
Low-Loss SAW Filter of cordless system
More results

Similar Description - HDF92MS24

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGE433M LUGUANG-LGE433M Datasheet
108Kb / 4P
This specification shall cover the characteristics of 1-port SAW resonator with 433.92M used for remote-control security.
logo
Shoulder Electronics Li...
HDF303825MF11 SHOULDER-HDF303825MF11 Datasheet
112Kb / 5P
This specification shall cover the characteristics of SAW filter 303.825MHz with used for remote-control security.
HDR260MS3 SHOULDER-HDR260MS3 Datasheet
163Kb / 7P
This specification shall cover the characteristics of 1-port SAW resonator with 260M used for remote-control security.
HDR300MF11D SHOULDER-HDR300MF11D Datasheet
104Kb / 5P
This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR418MS20 SHOULDER-HDR418MS20 Datasheet
115Kb / 6P
This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
HDR915MS6 SHOULDER-HDR915MS6 Datasheet
172Kb / 8P
This specification shall cover the characteristics of 1-port SAW resonator with 915MHz used for remote-control security
HDF457MF11 SHOULDER-HDF457MF11 Datasheet
115Kb / 6P
This specification shall cover the characteristics of SAW filter 457MHz with used for remote-control security
HDF459MF11 SHOULDER-HDF459MF11 Datasheet
117Kb / 6P
This specification shall cover the characteristics of SAW filter 459MHz with used for remote-control security
HDF447725MS3 SHOULDER-HDF447725MS3 Datasheet
171Kb / 8P
This specification shall cover the characteristics of SAW filter with 447.725MHz used for remote-control security.
HDR447625MS20 SHOULDER-HDR447625MS20 Datasheet
112Kb / 6P
This specification shall cover the characteristics of 1-port SAW resonator with used for remote-control security.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com