Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC58DVM72A1F Datasheet (PDF) - Toshiba Semiconductor

TC58DVM72A1F Datasheet PDF - Toshiba Semiconductor
Part # TC58DVM72A1F
Download  TC58DVM72A1F Download
File Size   369.62 Kbytes
Page   34 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 128-MBIT (16M x 8 BITS/8M x 16BITS) CMOS NAND E2PROM

TC58DVM72A1F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC58DVM72A1F Datasheet PDF - Toshiba Semiconductor

Part # TC58DVM72A1F
Download  TC58DVM72A1F Click to download

File Size   369.62 Kbytes
Page   34 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 128-MBIT (16M x 8 BITS/8M x 16BITS) CMOS NAND E2PROM

TC58DVM72A1F Datasheet (HTML) - Toshiba Semiconductor


TC58DVM72A1F Product details

DESCRIPTION

The TC58DxM72x1xxxx is a 128-Mbit (138,412,032) bit NAND Electrically Erasable and Programmable Read-Only Memory (NAND E2 PROM) organized as 528 bytes/264 words u32 pages u1024 blocks. The device uses dual power supplies (2.7 V to 3.6 V for VCCand 1.65 V to 1.95 V for VCCQ). The device has a 528-byte/264-words static register which allows program and read data to be transferred between the register and the memory cell array in 528-byte/256-words increments. The Erase operation is implemented in a single block unit (16 Kbytes 512 bytes:

528 bytes u32 pages/8k words + 256 words:264 words x 32 pages). 



FEATURES

Organization            TC58DxM72A1xxxx          TC58DxM72F1xxxx

  Memory cell allay   528 x 32K x8                  264 x 32k x 16

  Register               528 x 8                          264 x 16

  Page size             528 bytes                       264 words

  Block size            (16K 512) bytes                (8k + 256) words

Modes

  Read, Reset, Auto Page Program

  Auto Block Erase, Status Read

Mode control

  Serial input/output

  Command control

Power supply             TC58DVM72x1xxxx         TC58DAM72x1xxxx

                               Vcc: 2.7V to 3.6V           2.7V to 3.6V

                               Vccq: 2.7V to 3.6V         1.65V to 1.95V

Program/Erase Cycles   1E5 cycle (with ECC)

Access time

  Cell array to register  25 Ps max

  Serial Read Cycle  50 ns min

Operating current

  Read (50 ns cycle)  10 mA typ.

  Program (avg.)  10 mA typ.

  Erase (avg.)  10 mA typ.

  Standby 50 PA max.

Package

  TSOP I 48-P-1220-0.50 (Weight:0.53g typ)




Similar Part No. - TC58DVM72A1F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58DVM92A1FT00 TOSHIBA-TC58DVM92A1FT00 Datasheet
448Kb / 44P
MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58DVM92A1FTI0 TOSHIBA-TC58DVM92A1FTI0 Datasheet
449Kb / 44P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58DVM92A5BAJ3 TOSHIBA-TC58DVM92A5BAJ3 Datasheet
2Mb / 20P
Flash Memory
Mar. 2016
TC58DVM92A5TA00 TOSHIBA-TC58DVM92A5TA00 Datasheet
2Mb / 20P
Flash Memory
Mar. 2016
TC58DVM92A5TAI0 TOSHIBA-TC58DVM92A5TAI0 Datasheet
2Mb / 20P
Flash Memory
Mar. 2016
More results


Similar Description - TC58DVM72A1F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
TC58V64BDC TOSHIBA-TC58V64BDC Datasheet
345Kb / 33P
64-MBIT (8M x 8 BITS) CMOS NAND E2PROM (8M BYTE SmartMediaTM)
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
TH58V128FT TOSHIBA-TH58V128FT Datasheet
1Mb / 32P
128Mbit (16M x 8bit) CMOS NAND E2PROM
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC58256AFT TOSHIBA-TC58256AFT Datasheet
345Kb / 33P
256-MBIT (32M X 8 BITS) CMOS NAND E2PROM
TC581282AXB TOSHIBA-TC581282AXB Datasheet
507Kb / 31P
128-MBIT (16M X 8 BITS) CMOS NAND E2PROM
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
TC58128AFT TOSHIBA-TC58128AFT Datasheet
617Kb / 33P
128-MBIT (16M 횞 8 BITS) CMOS NAND E2PROM
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com