Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K5 Datasheet (PDF) - Rohm

SP8K5 Datasheet PDF - Rohm
Part # SP8K5
Download  SP8K5 Download
File Size   59.82 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 3.5A)

SP8K5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K5 Datasheet PDF - Rohm

Part # SP8K5
Download  SP8K5 Click to download

File Size   59.82 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 3.5A)

SP8K5 Datasheet (HTML) - Rohm


SP8K5 Product details

Switching (30V, 3.5A)



Features

1) Low on-resistance.

2) Built-in G-S Protection Diode.

3) Small and Surface Mount Package (SOP8).



Application

Power switching, DC / DC converter.



Structure

Silicon N-channel

MOS FET




Similar Part No. - SP8K5

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K5 ROHM-SP8K5 Datasheet
87Kb / 4P
4V Drive NchNch MOS FET
Rev.A
SP8K52FRA ROHM-SP8K52FRA Datasheet
2Mb / 14P
100V NchNch Middle Power MOSFET
SP8K5FU6TB ROHM-SP8K5FU6TB Datasheet
87Kb / 4P
4V Drive NchNch MOS FET
Rev.A
SP8K5 ROHM-SP8K5_V01 Datasheet
87Kb / 4P
4V Drive NchNch MOS FET
Rev.A
More results


Similar Description - SP8K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4974A STMICROELECTRONICS-L4974A Datasheet
327Kb / 22P
3.5A SWITCHING REGULATOR
Jun-2000
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
logo
Rohm
RSQ035P03 ROHM-RSQ035P03 Datasheet
94Kb / 5P
DC-DC Converter (-30V, -3.5A)
RDS035L03 ROHM-RDS035L03 Datasheet
44Kb / 4P
Switching (30V, 3.5A)
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
30V 3.5A QUAD POWER HALF BRIDGE
Jan-2006
logo
Rohm
RQ5E035BN ROHM-RQ5E035BN Datasheet
1Mb / 12P
Nch 30V 3.5A Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
Pch -30V -3.5A Power MOSFET
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Rohm
RQ5E035AT ROHM-RQ5E035AT Datasheet
2Mb / 15P
Pch -30V -3.5A Small Signal MOSFET
logo
KIA Semiconductor Techn...
2306 KIA-2306 Datasheet
110Kb / 4P
3.5A竊?30V N-CHANNEL MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com