Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42582 Datasheet (PDF) - Peregrine Semiconductor

PE42582 Datasheet PDF - Peregrine Semiconductor
Part # PE42582
Download  PE42582 Download
File Size   920.86 Kbytes
Page   23 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SP8T RF Switch, 9 kHz?? GHz

PE42582 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42582 Datasheet PDF - Peregrine Semiconductor

Part # PE42582
Download  PE42582 Click to download

File Size   920.86 Kbytes
Page   23 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SP8T RF Switch, 9 kHz?? GHz

PE42582 Datasheet (HTML) - Peregrine Semiconductor


PE42582 Product details

Product Description
The PE42582 is a HaRP™ technology-enhanced absorptive SP8T RF switch that supports a frequency range from 9 kHz to 8 GHz. An external VSS pin is available for bypassing the internal negative voltage generator in order for the PE42582 to deliver spur-free performance. It delivers high isolation, low insertion loss and fast switching time, making this device ideal for filter bank switching and RF signal routing in test and measurement (T&M) and wireless applications up to 8 GHz. No blocking capacitors are required if DC voltage is not present on the RF ports.

Features
• High isolation: 41 dB @ 6 GHz
• Low insertion loss: 1.1 dB @ 6 GHz
• Fast switching time of 227 ns
• Power handling of 33 dBm CW
• Logic select (LS) pin provides maximum control logic flexibility
• Terminated all-off state mode
• External VSS pin to eliminate spur
• Packaging – 24-lead 4 × 4 × 0.85 mm QFN

Applications
• Test and measurement
• Wireless applications up to 8 GHz
• Filter bank switching
• RF signal routing




Similar Part No. - PE42582

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4258 PASTERNACK-PE4258 Datasheet
330Kb / 4P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
PE4258 PASTERNACK-PE4258_16 Datasheet
330Kb / 4P
75 Ohm SMC Plug Connector Clamp/Solder Attachment
More results


Similar Description - PE42582

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42520 PSEMI-PE42520 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42521 PSEMI-PE42521 Datasheet
547Kb / 16P
UltraCMOS SPDT RF Switch 9 kHz - 13 GHz
PE42522 PSEMI-PE42522 Datasheet
606Kb / 25P
UltraCMOS SPDT RF Switch, 9 kHz-26.5 GHz
PE42542 PSEMI-PE42542 Datasheet
668Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42543 PSEMI-PE42543 Datasheet
666Kb / 14P
UltraCMOS SP4T RF Switch 9 kHz-18 GHz
PE42553 PSEMI-PE42553 Datasheet
3Mb / 19P
UltraCMOS SPDT RF Switch, 9 kHz-8 GHz
PE42482 PSEMI-PE42482 Datasheet
910Kb / 23P
SP8T RF Switch, 10 MHz?? GHz
PE42512 PSEMI-PE42512 Datasheet
1Mb / 25P
SP12T RF Switch, 9 kHz?? GHz
PE42525 PSEMI-PE42525 Datasheet
274Kb / 13P
SPDT RF Switch, 9 kHz??0 GHz
PE42562 PSEMI-PE42562 Datasheet
796Kb / 20P
SP6T RF Switch, 9 kHz?? GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com