Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1861 Datasheet (PDF) - Rohm

2SD1861 Datasheet PDF - Rohm
Part # 2SD1861
Download  2SD1861 Download
File Size   72.03 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power transistor (40V, 2A)

2SD1861 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1861 Datasheet PDF - Rohm

Part # 2SD1861
Download  2SD1861 Click to download

File Size   72.03 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power transistor (40V, 2A)

2SD1861 Datasheet (HTML) - Rohm


2SD1861 Product details

Features
1) Darlington connection for high DC current gain.
2) Built-in 4kΩ resistor between base and emitter.
3) Complements the 2SB1183 / 2SB1239.




Similar Part No. - 2SD1861

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1861 ETC-2SD1861 Datasheet
48Kb / 1P
Epitaxial Planar NPN Silicon Darlington Transistors
logo
Rohm
2SD1861 ROHM-2SD1861 Datasheet
251Kb / 7P
Power Transistor
More results


Similar Description - 2SD1861

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2195 ROHM-2SD2195 Datasheet
81Kb / 4P
Power Transistor (100V , 2A)
logo
Shindengen Electric Mfg...
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
Schottky Rectifiers (SBD) (40V 2A)
logo
Rohm
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
Power transistor (-60V, -2A)
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
Power Transistor (120V, 2A)
2SD1980 ROHM-2SD1980_09 Datasheet
164Kb / 3P
Power Transistor (100V, 2A)
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
40V, 2A BOOST LED DRIVER
Rev 1
logo
SeCoS Halbleitertechnol...
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
40V, 2A Schottky Barrier Rectifiers
2SD1766 SECOS-2SD1766 Datasheet
248Kb / 2P
2A, 40V NPN Epitaxial Planar Transistor
logo
PFC Device Inc.
P2V40A PFC-P2V40A Datasheet
693Kb / 5P
2A 40V MOS Schottky Rectifier
logo
Infineon Technologies A...
BSC010N04LSC INFINEON-BSC010N04LSC Datasheet
1Mb / 12P
OptiMOSTM5 Power-Transistor, 40V
Rev.2.3,2020-04-16
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com