Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2505 Datasheet (PDF) - NTE Electronics

NTE2505 Datasheet PDF - NTE Electronics
Part # NTE2505
Download  NTE2505 Download
File Size   22.33 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Low Frequency, General Purpose Amp

NTE2505 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2505 Datasheet PDF - NTE Electronics

Part # NTE2505
Download  NTE2505 Click to download

File Size   22.33 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor Low Frequency, General Purpose Amp

NTE2505 Datasheet (HTML) - NTE Electronics


NTE2505 Product details

Features:

● High Current Capacity

● High DC Current Gain

● Low Collector Emitter Saturation Voltage

● High Emitter Base Breakdown Voltage



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Collector–Base Voltage, VCBO . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . 30V

Collector–Emitter Voltage, VCEO . . . . . . . . . . . . . . .  . . . . . . . . . . . . . 25V

Emitter–Base Voltage, VEBO . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . 15V

Collector Current, IC

   Continuous . . . . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . . . 2A

   Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . . . . . 4A

Base Current, IB . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . . . 400mA

Collector Power Dissipation, PC . . . . . . . . . . . . . . .  . . . . . . . . . . . . . 1W

Operating Junction Temperature, TJ . . . . . . . . . . . . . .. . . . . . . . +150°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . . .  . –55° to +150°C




Similar Part No. - NTE2505

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE250 NTE-NTE250 Datasheet
25Kb / 2P
Silicon Complementary Transistors Darlington Power Amplifier
NTE2501 NTE-NTE2501 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Voltage for Video Output
NTE2502 NTE-NTE2502 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Voltage for Video Output
NTE2503 NTE-NTE2503 Datasheet
22Kb / 2P
Silicon NPN Transistor High Gain Switch
NTE2504 NTE-NTE2504 Datasheet
20Kb / 2P
Silicon NPN Transistor High Gain Audio Amplifier
More results


Similar Description - NTE2505

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
Low-Frequency General-Purpose Amp Applications????
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
Low-Frequency General-Purpose Amp Applications
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SA1882 SANYO-2SA1882 Datasheet
124Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SC4413 SANYO-2SC4413 Datasheet
82Kb / 3P
Low-Frequency General-Purpose Amp Applications??????????
FC117 SANYO-FC117 Datasheet
75Kb / 3P
Low-Frequency General-Purpose Amp Applications
FC118 SANYO-FC118 Datasheet
77Kb / 3P
Low-Frequency General-Purpose Amp Applications
CPH6530 SANYO-CPH6530 Datasheet
47Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com