Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G940T23U Datasheet (PDF) - Global Mixed-mode Technology Inc

G940T23U Datasheet PDF - Global Mixed-mode Technology Inc
Part # G940T23U
Download  G940T23U Download
File Size   185.67 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 3.7V 400mA Low Dropout Regulator

G940T23U Datasheet (PDF)

Go To PDF Page Download Datasheet
G940T23U Datasheet PDF - Global Mixed-mode Technology Inc

Part # G940T23U
Download  G940T23U Click to download

File Size   185.67 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 3.7V 400mA Low Dropout Regulator

G940T23U Datasheet (HTML) - Global Mixed-mode Technology Inc




Similar Part No. - G940T23U

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
G94-016-050-AGGM-H MITSUMI-G94-016-050-AGGM-H Datasheet
60Kb / 2P
Interface Connectors for Cradle
logo
Goford Semiconductor
G9435S GOFORD-G9435S Datasheet
1Mb / 6P
PWM applications
logo
IDEA.lnc.
G946B IDEA-G946B Datasheet
50Kb / 1P
T-1 LED Indicator, Right-angle, PCB Mount
logo
Hamamatsu Corporation
G9494-256D HAMAMATSU-G9494-256D Datasheet
132Kb / 5P
InGaAs linear image sensor
G9494-256D HAMAMATSU-G9494-256D Datasheet
137Kb / 5P
Near infrared image sensor (0.9 to 1.7 關m) with high-speed data rate
More results


Similar Description - G940T23U

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
3.5V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com