Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4N26323AE Datasheet (PDF) - Samsung semiconductor

K4N26323AE Datasheet PDF - Samsung semiconductor
Part # K4N26323AE
Download  K4N26323AE Download
File Size   826.78 Kbytes
Page   52 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128Mbit GDDR2 SDRAM

K4N26323AE Datasheet (PDF)

Go To PDF Page Download Datasheet
K4N26323AE Datasheet PDF - Samsung semiconductor

Part # K4N26323AE
Download  K4N26323AE Click to download

File Size   826.78 Kbytes
Page   52 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 128Mbit GDDR2 SDRAM

K4N26323AE Datasheet (HTML) - Samsung semiconductor


K4N26323AE Product details

GENERAL DESCRIPTION
FOR 1M x 32Bit x 4 Bank GDDR2 SDRAM
The 4Mx32 GDDR2 is 134,217,728 bits of hyper synchronous data rate Dynamic RAM organized as 4 x 1,048,976 words by 32 bits, fabricated with SAMSUNG’s high performance CMOS technology. Synchronous features with Data Strobe allow extremely high performance up to 4GB/s/chip. I/O transactions are possible on both edges of the clock cycle. Range of operating frequencies, and programmable latencies allow the device to be useful for a variety of high performance memory system applications.

FEATURES
• 2.5V + 0.1V power supply for device operation
• 1.8V + 0.1V power supply for I/O interface
• On-Die Termination for all inputs except CKE,ZQ
• Output Driver Strength adjustment by EMRS
• SSTL_18 compatible inputs/outputs
• 4 banks operation
• MRS cycle with address key programs
    - CAS latency : 5, 6, 7 (clock)
    - Burst length : 4 only
    - Burst type : sequential only
• Additive latency (AL): 0,1(clock)
• Read latency(RL) : CL+AL
• Write latency(WL) : AL+1
• Differential Data Strobes for Data-in, Date out ;
    - 4 DQS and /DQS(one differential strobe per byte)
    - Single Data Strobes by EMRS.
• Edge aligned data & data strobe output
• Center aligned data & data strobe input
• DM for write masking only
• Auto & Self refresh
• 32ms refresh period (4K cycle) (16ms is under consideration)
• 144 Ball FBGA
• Maximum clock frequency up to 500MHz
• Maximum data rate up to 1Gbps/pin
• DLL for Address, CMD and outputs




Similar Part No. - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Similar Description - K4N26323AE

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V54C3128 MOSEL-V54C3128 Datasheet
871Kb / 45P
128Mbit SDRAM 3.3 VOLT, BGA PACKAGE
logo
Samsung semiconductor
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
128Mbit GDDR SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
128Mbit GDDR SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
256Mbit gDDR2 SDRAM
K4D28163HD SAMSUNG-K4D28163HD Datasheet
121Kb / 16P
128Mbit DDR SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
128Mbit GDDR SDRAM
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
512Mbit gDDR2 SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com