Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3850 Datasheet (PDF) - Mitsubishi Electric Semiconductor

3850 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # 3850
Download  3850 Download
File Size   1384.84 Kbytes
Page   99 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

3850 Datasheet (PDF)

Go To PDF Page Download Datasheet
3850 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # 3850
Download  3850 Click to download

File Size   1384.84 Kbytes
Page   99 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

3850 Datasheet (HTML) - Mitsubishi Electric Semiconductor


3850 Product details

DESCRIPTION
The 3850 group (spec. H) is the 8-bit microcomputer based on the 740 family core technology.
The 3850 group (spec. H) is designed for the household products and office automation equipment and includes serial I/O functions, 8-bit timer, and A-D converter.

FEATURES
● Basic machine-language instructions ...................................... 71
● Minimum instruction execution time .................................. 0.5 µs (at 8 MHz oscillation frequency)
● Memory size
   ROM ................................................................... 8K to 32K bytes
   RAM ................................................................. 512 to 1024 bytes
● Programmable input/output ports ............................................ 34
● Interrupts ................................................. 15 sources, 14 vectors
● Timers ............................................................................. 8-bit ✕ 4
● Serial I/O1 .................... 8-bit ✕ 1(UART or Clock-synchronized)
● Serial I/O2 ................................... 8-bit ✕ 1(Clock-synchronized)
● PWM ............................................................................... 8-bit ✕ 1
● A-D converter ............................................... 10-bit ✕ 5 channels
● Watchdog timer ............................................................ 16-bit ✕ 1
● Clock generating circuit..................................... Built-in 2 circuits
   (connect to external ceramic resonator or quartz-crystal oscillator)
● Power source voltage
   In high-speed mode .................................................. 4.0 to 5.5 V (at 8 MHz oscillation frequency)
   In middle-speed mode ............................................... 2.7 to 5.5 V (at 8 MHz oscillation frequency)
   In low-speed mode .................................................... 2.7 to 5.5 V (at 32 kHz oscillation frequency)
● Power dissipation
   In high-speed mode ..........................................................34 mW(at 8 MHz oscillation frequency, at 5 V power source voltage)
   In low-speed mode ............................................................ 60 µW (at 32 kHz oscillation frequency, at 3 V power source voltage)
● Operating temperature range ....................................–20 to 85°C

APPLICATION
  Office automation equipment, FA equipment, Household products, Consumer electronics, etc.




Similar Part No. - 3850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3850 RENESAS-3850 Datasheet
918Kb / 53P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3850 RENESAS-3850 Datasheet
1Mb / 101P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3850 RENESAS-3850 Datasheet
1Mb / 261P
8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Pomona Electronics
3850 POMONA-3850 Datasheet
698Kb / 1P
Thermoplastic Box With Card Guides & Cover
logo
Lumberg
3850 LUMBERG-3850 Datasheet
107Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
More results


Similar Description - 3850

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com