Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7009 Datasheet (PDF) - Integrated Device Technology

IDT7009 Datasheet PDF - Integrated Device Technology
Part # IDT7009
Download  IDT7009 Download
File Size   143.05 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM

IDT7009 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7009 Datasheet PDF - Integrated Device Technology

Part # IDT7009
Download  IDT7009 Click to download

File Size   143.05 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM

IDT7009 Datasheet (HTML) - Integrated Device Technology


IDT7009 Product details

FEATURES

◆ True Dual-Ported memory cells which allow simultaneous reads of the same memory location

◆ High-speed access

– Commercial: 15/20ns (max.)

◆ Low-power operation

– IDT7009L

Active: 1W (typ.)

Standby: 1mW (typ.)

◆ Dual chip enables allow for depth expansion without external logic

◆ IDT7009 easily expands data bus width to 16 bits or more using the Master/Slave select when cascading more than one device




Similar Part No. - IDT7009

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
151Kb / 18P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - IDT7009

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L Datasheet
184Kb / 15P
HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_13 Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7019L IDT-IDT7019L Datasheet
160Kb / 17P
HIGH-SPEED 128K x 9 DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V09 RENESAS-70V09 Datasheet
460Kb / 19P
HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
JUNE 2019
709099L RENESAS-709099L Datasheet
262Kb / 17P
HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Nov.29.21
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com