| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP584
|
89Kb / 12P |
Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2 |
|
CAT6218
|
166Kb / 9P |
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4 |
|
CAT6221
|
597Kb / 10P |
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1 |
|
NCP4589
|
647Kb / 30P |
300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0 |
|
CAT6221
|
586Kb / 10P |
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2 |
|
NCP584HSN30T1G
|
133Kb / 14P |
Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14 |
|
NCP585HSN10T1G
|
162Kb / 13P |
Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14 |
|
NCP585DSN33T1G
|
162Kb / 13P |
Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14 |
|
NCV8603SN33T1G
|
168Kb / 10P |
300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2 |
|
CAT6218
|
158Kb / 9P |
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5 |