Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCN-12+ Datasheet (PDF) - Mini-Circuits

QCN-12+ Datasheet PDF - Mini-Circuits
Part # QCN-12+
Download  QCN-12+ Download
File Size   279.43 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description POWER SPLITTER/COMBINERS

QCN-12+ Datasheet (PDF)

Go To PDF Page Download Datasheet
QCN-12+ Datasheet PDF - Mini-Circuits

Part # QCN-12+
Download  QCN-12+ Click to download

File Size   279.43 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description POWER SPLITTER/COMBINERS

QCN-12+ Datasheet (HTML) - Mini-Circuits




Similar Part No. - QCN-12+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCN-12 MINI-QCN-12 Datasheet
143Kb / 3P
Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
QCN-12A MINI-QCN-12A Datasheet
143Kb / 3P
Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
QCN-12AD MINI-QCN-12AD Datasheet
281Kb / 1P
Power Splitter/Combiner
QCN-12D MINI-QCN-12D Datasheet
281Kb / 1P
Power Splitter/Combiner
More results


Similar Description - QCN-12+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-20_20L MINI-SBTC-2-20_20L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
POWER SPLITTERS/COMBINERS
logo
MRV Communications, Inc...
MRV-FD-SPLTCMB MRV-MRV-FD-SPLTCMB Datasheet
250Kb / 2P
Passive Splitter/Combiners
logo
Mini-Circuits
K1-ADP MINI-K1-ADP Datasheet
260Kb / 1P
POWER SPLITTER/COMBINERS
K1-SBTC MINI-K1-SBTC Datasheet
307Kb / 1P
POWER SPLITTER/COMBINERS
K1-ZX10 MINI-K1-ZX10 Datasheet
280Kb / 1P
POWER SPLITTER/COMBINERS
K2-SBTC MINI-K2-SBTC Datasheet
304Kb / 1P
POWER SPLITTER/COMBINERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com