Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QCN-12A Datasheet (PDF) - Mini-Circuits

QCN-12A Datasheet PDF - Mini-Circuits
Part # QCN-12A
Download  QCN-12A Download
File Size   143.52 Kbytes
Page   3 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz

QCN-12A Datasheet (PDF)

Go To PDF Page Download Datasheet
QCN-12A Datasheet PDF - Mini-Circuits

Part # QCN-12A
Download  QCN-12A Click to download

File Size   143.52 Kbytes
Page   3 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz

QCN-12A Datasheet (HTML) - Mini-Circuits


QCN-12A Product details

Features

• low insertion loss, 0.4 dB typ.

• high isolation, 26 dB typ.

• wrap-around terminal for excellent solderability

• ultra small, .12"x.06"x.035"

• patent pending



Applications

• balanced amplifiers

• modulators

• cellular

• UMTS

• PCN

• WCDMA

• ISM



 




Similar Part No. - QCN-12A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCN-12A+ MINI-QCN-12A+ Datasheet
279Kb / 1P
POWER SPLITTER/COMBINERS
QCN-12AD MINI-QCN-12AD Datasheet
281Kb / 1P
Power Splitter/Combiner
More results


Similar Description - QCN-12A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCC-22 MINI-QCC-22 Datasheet
110Kb / 1P
Power Splitter/Combiner 2 Way-90째 50??1500 to 2500 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-20_20L MINI-SBTC-2-20_20L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
HPQ-04 MINI-HPQ-04 Datasheet
67Kb / 2P
POWER SPLITTERS/COMBINERS
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
POWER SPLITTERS/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
Power Splitters & Combiners
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com