Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N975B Datasheet (PDF) - Micro Commercial Components

1N975B Datasheet PDF - Micro Commercial Components
Part # 1N975B
Download  1N975B Download
File Size   527.04 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 0.5W Silicon Planar Zener Diodes

1N975B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N975B Datasheet PDF - Micro Commercial Components

Part # 1N975B
Download  1N975B Click to download

File Size   527.04 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 0.5W Silicon Planar Zener Diodes

1N975B Datasheet (HTML) - Micro Commercial Components


1N975B Product details

Features
• Zener Voltage 6.8V to 51V
• Silicon Planar Power Zener Diodes
• Standards zener voltage tolerance is ±20%, Add suffix “A” for
   ±10% tolerance and suffix “B” for ±5% tolerance, non standards
   and higher zener voltage upon request




Similar Part No. - 1N975B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N975B JGD-1N975B Datasheet
185Kb / 2P
0.5W SILICON ZENER DIODES
logo
Compensated Deuices Inc...
1N975B CDI-DIODE-1N975B Datasheet
110Kb / 2P
METALLURGICALLY BONDED
logo
General Semiconductor
1N975B GE-1N975B Datasheet
37Kb / 2P
ZENER DIODES
logo
Microsemi Corporation
1N975B MICROSEMI-1N975B Datasheet
92Kb / 2P
SILICON 500 mW ZENER DIODES
1N975B MICROSEMI-1N975B Datasheet
87Kb / 2P
SILICON 400 mW ZENER DIODES
More results


Similar Description - 1N975B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N957THRU1N978 CHENYI-1N957THRU1N978 Datasheet
46Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com