Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2598 Datasheet (PDF) - NTE Electronics

NTE2598 Datasheet PDF - NTE Electronics
Part # NTE2598
Download  NTE2598 Download
File Size   24.67 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Voltage, High Current Switch

NTE2598 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2598 Datasheet PDF - NTE Electronics

Part # NTE2598
Download  NTE2598 Click to download

File Size   24.67 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor High Voltage, High Current Switch

NTE2598 Datasheet (HTML) - NTE Electronics


NTE2598 Product details

Features:

High Breakdown Voltage, Reliability

fast Switching Speed

Wide ASO



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Collector–Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . . . 1100V

Collector–Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . 800V

Emitter–Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V

Collector Current, IC                                  

Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25A

Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60A

Base Current. IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12A

Collector Power Dissipation (TC = +25°C), PC . . . . . . . . . . . 300W

Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . +150°C

Storage Temperature Range, Tstg . . . . . . . . . . . . . –55° to +150°C




Similar Part No. - NTE2598

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2590 NTE-NTE2590 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2591 NTE-NTE2591 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2592 NTE-NTE2592 Datasheet
21Kb / 2P
Silicon NPN Transistor Horizontal Output for HDTV
NTE2593 NTE-NTE2593 Datasheet
21Kb / 2P
Silicon NPN Transistor High Voltage Amp/Switch
NTE2594 NTE-NTE2594 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
More results


Similar Description - NTE2598

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2308 NTE-NTE2308 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2309 NTE-NTE2309 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2312 NTE-NTE2312 Datasheet
23Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Switch
NTE2325 NTE-NTE2325 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage Switch
NTE2538 NTE-NTE2538 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2572 NTE-NTE2572 Datasheet
21Kb / 2P
Silicon NPN Transistor High Current Switch
NTE2580 NTE-NTE2580 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2594 NTE-NTE2594 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2596 NTE-NTE2596 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE94 NTE-NTE94 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com