Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZB3PD-63-S Datasheet (PDF) - Mini-Circuits

ZB3PD-63-S Datasheet PDF - Mini-Circuits
Part # ZB3PD-63-S
Download  ZB3PD-63-S Download
File Size   227.41 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

ZB3PD-63-S Datasheet (PDF)

Go To PDF Page Download Datasheet
ZB3PD-63-S Datasheet PDF - Mini-Circuits

Part # ZB3PD-63-S
Download  ZB3PD-63-S Click to download

File Size   227.41 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

ZB3PD-63-S Datasheet (HTML) - Mini-Circuits


ZB3PD-63-S Product details

Product Overview
Mini-Circuits’ ZB3PD-63+ is a 3-way 0˚ high-power splitter/combiner providing up to 30W power handling as a splitter (0.9W as a combiner) and low insertion loss across the entire 150 to 6000 MHz frequency range. Its outstanding combination of high power handling and low loss minimize power dissipation and provide excellent signal power transmission from input to output. The ZB3PD-63+ comes housed in a rugged aluminum alloy case measuring 4.5 x 6.00 x 0.88” with your choice of SMA or N-type connectors.

Features
• wideband, 150 to 6000 MHz
• low insertion loss, 1 dB typ.
• good isolation, 20 dB typ.
• good amplitude unbalance, 0.5 dB typ.
• power handling up to 30W

Applications
• cellular
• PCN
• instrumentation




Similar Part No. - ZB3PD-63-S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZB3PD-63SMP MINI-ZB3PD-63SMP Datasheet
259Kb / 3P
Power Splitter/Combiner
More results


Similar Description - ZB3PD-63-S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com