Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP225A Datasheet (PDF) - Toshiba Semiconductor

TLP225A Datasheet PDF - Toshiba Semiconductor
Part # TLP225A
Download  TLP225A Download
File Size   261.26 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP225A Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP225A Datasheet PDF - Toshiba Semiconductor

Part # TLP225A
Download  TLP225A Click to download

File Size   261.26 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER PHOTO RELAY

TLP225A Datasheet (HTML) - Toshiba Semiconductor


TLP225A Product details

PROGRAMMABLE CONTROLLERS
I/O BOARD INTERFACE
DC-OUTPUT MODULE
REPLACEMENT FOR DC MECHANICAL RELAY

The TOSHIBA TLP225A consists of gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a four lead plastic DIP package (DIP4).
(The TLP225A is MOSFET output and can control a current of 0.5 A which is suitable for DC output module.)

• Peak Off-State Voltage  : 60 V (Min.)
• Trigger LED Current       : 5 mA (Max.)
• On-State Current            : 500 mA (Max.)
• On-State Resistance      : 1.1 Ω (Max.)
• Isolation Voltage             : 2500 Vrms (Min.)
• UL Recognized               : UL1577, File No. E67349




Similar Part No. - TLP225A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP225A TOSHIBA-TLP225A_14 Datasheet
167Kb / 6P
Programmable Controllers I/O Board Interface DC-Output Module Replacement for DC Mechanical Relay
More results


Similar Description - TLP225A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP798G TOSHIBA-TLP798G Datasheet
334Kb / 8P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP296G TOSHIBA-TLP296G Datasheet
465Kb / 6P
TOSHIBA Photocoupler Photo Relay
TLP197A TOSHIBA-TLP197A Datasheet
132Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP597A TOSHIBA-TLP597A_14 Datasheet
185Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP598AA TOSHIBA-TLP598AA_14 Datasheet
180Kb / 5P
TOSHIBA Photocoupler Photo Relay
TLP3116 TOSHIBA-TLP3116_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3130 TOSHIBA-TLP3130_14 Datasheet
192Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3131 TOSHIBA-TLP3131_14 Datasheet
191Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3542 TOSHIBA-TLP3542_14 Datasheet
159Kb / 6P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP224GA-2 TOSHIBA-TLP224GA-2 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER PHOTO RELAY
2019-02-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com