Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPS-12FPA Datasheet (PDF) - Delta Electronics, Inc.

DPS-12FPA Datasheet PDF - Delta Electronics, Inc.
Part # DPS-12FPA
Download  DPS-12FPA Download
File Size   1191.18 Kbytes
Page   3 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Total power 12W

DPS-12FPA Datasheet (PDF)

Go To PDF Page Download Datasheet
DPS-12FPA Datasheet PDF - Delta Electronics, Inc.

Part # DPS-12FPA
Download  DPS-12FPA Click to download

File Size   1191.18 Kbytes
Page   3 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description Total power 12W

DPS-12FPA Datasheet (HTML) - Delta Electronics, Inc.




Similar Part No. - DPS-12FPA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-12FP-A DELTA-DPS-12FP-A Datasheet
1Mb / 3P
Total power 12W
More results


Similar Description - DPS-12FPA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DPS-12FP-A DELTA-DPS-12FP-A Datasheet
1Mb / 3P
Total power 12W
DPS-24GP-A DELTA-DPS-24GP-A Datasheet
1Mb / 3P
Total power 24W
DPS-40AP-10-A DELTA-DPS-40AP-10-A Datasheet
1Mb / 3P
Total power 40W
DPS-50AP-2-A DELTA-DPS-50AP-2-A Datasheet
1Mb / 3P
Total power 50W
DPS-60AP-5-A DELTA-DPS-60AP-5-A Datasheet
1Mb / 3P
Total power 60W
DPS-24GPA DELTA-DPS-24GPA Datasheet
1Mb / 3P
Total power 24W
DPS-40AP-10A DELTA-DPS-40AP-10A Datasheet
1Mb / 3P
Total power 40W
DPS-50AP-2A DELTA-DPS-50AP-2A Datasheet
1Mb / 3P
Total power 50W
DPS-60AP-5A DELTA-DPS-60AP-5A Datasheet
1Mb / 3P
Total power 60W
DPS-100AP-11A DELTA-DPS-100AP-11A Datasheet
1Mb / 3P
Total power 100W
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com