Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM712 Datasheet (PDF) - Littelfuse

SM712 Datasheet PDF - Littelfuse
Part # SM712
Download  SM712 Download
File Size   1145.06 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600W Asymmetrical TVS Diode Array

SM712 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM712 Datasheet PDF - Littelfuse

Part # SM712
Download  SM712 Click to download

File Size   1145.06 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600W Asymmetrical TVS Diode Array

SM712 Datasheet (HTML) - Littelfuse


SM712 Product details

Description
The SM712 TVS Diode Array is designed to protect RS-485 applications with asymmetrical working voltages (-7V to 12V) from damage due to electrostatic discharge (ESD), electrical fast transients (EFT), and lightning induced surges.
The SM712 can absorb repetitive ESD strikes above the maximum level specified in the IEC 61000-4-2 international standard without performance degradation and safely dissipate up to 19A of 8/20us induced surge current (IEC-61000-4-5 2nd edition) with very low clamping voltages.

Features
• RoHS compliant and lead-free
• ESD, IEC 61000-4-2, ±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 50A (5/50ns)
• Lightning, IEC 61000- 4-5 2nd edition, 19A (tP=8/20μs)
• Working Voltages: -7V to 12V
• Low clamping voltage
• Low leakage current
• AEC-Q101 Qualified
• Moisture Sensitivity Level (MSL-1)

Applications
• RS-485
• Fieldbus
• Modbus
• Profibus
• DMX512
• Security Systems
• AutomatedT eller Machines (ATMs)
• Lighting Control - DALI
• Communication Equipments




Similar Part No. - SM712

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM712 SEMTECH-SM712 Datasheet
147Kb / 6P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
SM712 SEMTECH-SM712 Datasheet
147Kb / 6P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Socay Electornics Co., ...
SM712 SOCAY-SM712 Datasheet
154Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
logo
Diotech Company.
SM712 DIOTECH-SM712 Datasheet
1Mb / 4P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Shanghai Leiditech Elec...
SM712 LEIDITECH-SM712 Datasheet
151Kb / 3P
USB 2.0 power and data line
More results


Similar Description - SM712

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG712FBS23 KEC-PG712FBS23 Datasheet
534Kb / 3P
Asymmetrical TVS Diode
logo
Protek Devices
SMDB712C PROTEC-SMDB712C Datasheet
445Kb / 6P
BIDIRECTIONAL ASYMMETRICAL TVS ARRAY
logo
Littelfuse
SP712 LITTELFUSE-SP712 Datasheet
1Mb / 5P
640W Asymmetrical TVS Diode Array
logo
Applied Power Microelec...
ASM712 APMICRO-ASM712 Datasheet
929Kb / 6P
Asymmetrical TVS Diode
ASM712H APMICRO-ASM712H Datasheet
637Kb / 6P
Asymmetrical TVS Diode
ASM1235 APMICRO-ASM1235 Datasheet
479Kb / 5P
Asymmetrical TVS Diode
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
logo
TECH PUBLIC Electronics...
SM712-02HTG TECHPUBLIC-SM712-02HTG Datasheet
2Mb / 4P
Asymmetrical TVS Diode
SM712 TECHPUBLIC-SM712 Datasheet
2Mb / 4P
Asymmetrical TVS Diode
TPCDSOT23-SM712 TECHPUBLIC-TPCDSOT23-SM712 Datasheet
2Mb / 4P
Asymmetrical TVS Diode
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com