Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB521S-40 Datasheet (PDF) - Micro Commercial Components

RB521S-40 Datasheet PDF - Micro Commercial Components
Part # RB521S-40
Download  RB521S-40 Download
File Size   418.54 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mA Schottky Barrier Diode 40 Volts

RB521S-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB521S-40 Datasheet PDF - Micro Commercial Components

Part # RB521S-40
Download  RB521S-40 Click to download

File Size   418.54 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mA Schottky Barrier Diode 40 Volts

RB521S-40 Datasheet (HTML) - Micro Commercial Components


RB521S-40 Product details

Features
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• High Reliability
• Low Reverse Current and Low Forward Voltage.
• Small Surface Mount Type
• Marking :S
• Lead Free Finish/RoHS Compliant("P" Suffix designates RoHS Compliant. See ordering information)
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - RB521S-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB521S-40 ROHM-RB521S-40 Datasheet
144Kb / 4P
Schottky barrier diode
logo
SEMTECH ELECTRONICS LTD...
RB521S-40 SEMTECH_ELEC-RB521S-40 Datasheet
303Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rectron Semiconductor
RB521S-40 RECTRON-RB521S-40 Datasheet
128Kb / 2P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODES
logo
Rohm
RB521S-40 ROHM-RB521S-40 Datasheet
1Mb / 4P
Schottky barrier diode
logo
Continental Device Indi...
RB521S-40 CDIL-RB521S-40 Datasheet
130Kb / 3P
SILICON EXPITAXIAL SCHOTTKY BARRIER DIODE
More results


Similar Description - RB521S-40

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB520S-30 MCC-RB520S-30 Datasheet
212Kb / 3P
200 mA Schottky Barrier Diode 30 Volts
RB520S-40 MCC-RB520S-40 Datasheet
182Kb / 2P
200 mA Schottky Barrier Diode 40 Volts
RB521S-30 MCC-RB521S-30 Datasheet
237Kb / 3P
200 mA Schottky Barrier Diode 30 Volts
RB520S-40-TP MCC-RB520S-40-TP Datasheet
196Kb / 2P
200 mA Schottky Barrier Diode 40 Volts
RB520S-30 MCC-RB520S-30_14 Datasheet
236Kb / 3P
200 mA Schottky Barrier Diode 30 Volts
RB520S-40 MCC-RB520S-40_17 Datasheet
313Kb / 3P
200 mA Schottky Barrier Diode 40 Volts
RB521S-30 MCC-RB521S-30_13 Datasheet
204Kb / 3P
200 mA Schottky Barrier Diode 30 Volts
logo
Nexperia B.V. All right...
BAT721 NEXPERIA-BAT721 Datasheet
191Kb / 8P
40 V, 200 mA Schottky barrier diode
1 October 2022
BAT721-Q NEXPERIA-BAT721-Q Datasheet
191Kb / 8P
40 V, 200 mA Schottky barrier diode
3 May 2023
BAT854W NEXPERIA-BAT854W Datasheet
188Kb / 8P
40 V, 200 mA Schottky barrier diode
4 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com