Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHW807-1 Datasheet (PDF) - Motorola, Inc

MHW807-1 Datasheet PDF - Motorola, Inc
Part # MHW807-1
Download  MHW807-1 Download
File Size   244.6 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF POWER AMPLIFIERS

MHW807-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHW807-1 Datasheet PDF - Motorola, Inc

Part # MHW807-1
Download  MHW807-1 Click to download

File Size   244.6 Kbytes
Page   5 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UHF POWER AMPLIFIERS

MHW807-1 Datasheet (HTML) - Motorola, Inc


MHW807-1 Product details

The RF Line
UHF Power Amplifiers

. . . designed specifically for portable radio applications. The MHW807 Series amplifiers are capable of wide power range control, operates from a 12 volt supply and requires only 1.0 mW of RF input power.

• MHW807–1 — 820 to 850 MHz
   MHW807–2 — 870 to 905 MHz
• Specified 12.5 Volt Characteristics:
   RF Input Power — 1.0 mW (0 dBm)
   RF Output Power — 6.0 W
   Minimum Gain — 37.8 dB
   Harmonics — –25 dBc Max @ 2.0 fo
                          –45 dBc Max @ 3.0 fo
• 50 Ohm Input/Output Impedances
• Guaranteed Stability and Ruggedness
• Controllable, Stable Performance Over More Than 35 dB Range in Output Power
• Gold-Metallized and Silicon Nitride-Passivated Transistor Chips




Similar Part No. - MHW807-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW803 MOTOROLA-MHW803 Datasheet
79Kb / 5P
2 W, 806 to 905 MHz UHF POWER AMPLIFIERS
MHW804 MOTOROLA-MHW804 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW804-1 MOTOROLA-MHW804-1 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
MHW804-2 MOTOROLA-MHW804-2 Datasheet
103Kb / 6P
4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
More results


Similar Description - MHW807-1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SK2974 MITSUBISHI-2SK2974 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
2SK2975 MITSUBISHI-2SK2975 Datasheet
29Kb / 3P
RF POWER MOS FET(VHF/UHF power amplifiers)
logo
Motorola, Inc
MHW720A1 MOTOROLA-MHW720A1 Datasheet
89Kb / 4P
UHF Power Amplifiers
MHW803 MOTOROLA-MHW803 Datasheet
79Kb / 5P
2 W, 806 to 905 MHz UHF POWER AMPLIFIERS
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
JFET VHF/UHF Amplifiers
1997
J308 ONSEMI-J308 Datasheet
160Kb / 8P
JFET VHF/UHF Amplifiers
1997
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
logo
Maxim Integrated Produc...
MAX2664 MAXIM-MAX2664 Datasheet
1Mb / 13P
VHF/UHF Low-Noise Amplifiers
Rev 0; 8/10
logo
NXP Semiconductors
MHW2821-1 NXP-MHW2821-1 Datasheet
204Kb / 6P
UHF Silicon FET Power Amplifiers
Rev 2
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com