Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1-TCG2 Datasheet (PDF) - Mini-Circuits

K1-TCG2 Datasheet PDF - Mini-Circuits
Part # K1-TCG2
Download  K1-TCG2 Download
File Size   298.32 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 0.3 to 3000 MHz

K1-TCG2 Datasheet (PDF)

Go To PDF Page Download Datasheet
K1-TCG2 Datasheet PDF - Mini-Circuits

Part # K1-TCG2
Download  K1-TCG2 Click to download

File Size   298.32 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 0.3 to 3000 MHz

K1-TCG2 Datasheet (HTML) - Mini-Circuits




Similar Part No. - K1-TCG2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K1-TCM MINI-K1-TCM Datasheet
316Kb / 1P
0.5 to 2500MHz
K1-TCM+ MINI-K1-TCM+ Datasheet
316Kb / 1P
0.5 to 2500MHz
K1-TCN MINI-K1-TCN Datasheet
213Kb / 1P
600 to 2600 MHz
K1-TCN+ MINI-K1-TCN+ Datasheet
213Kb / 1P
600 to 2600 MHz
K1-TCW MINI-K1-TCW Datasheet
591Kb / 1P
Baluns/Transformers
REV. OR
More results


Similar Description - K1-TCG2

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2415-A1T MICRONETICS-NMA2415-A1T Datasheet
209Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-A2T MICRONETICS-NMA2415-A2T Datasheet
318Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-B1T MICRONETICS-NMA2415-B1T Datasheet
166Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-B2T MICRONETICS-NMA2415-B2T Datasheet
357Kb / 2P
Legacy 30 MHz to 3000 MHz
NMA2415-A2S MICRONETICS-NMA2415-A2S Datasheet
201Kb / 2P
Legacy 30 MHz to 3000 MHz
logo
Analog Devices
ADRF6704 AD-ADRF6704 Datasheet
1Mb / 36P
2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
ADL5374 AD-ADL5374_15 Datasheet
862Kb / 20P
3000 MHz to 4000 MHz Quadrature Modulator
REV. 0
logo
KR Electronics, Inc.
3192-2 KR-3192-2 Datasheet
99Kb / 3P
100 MHz to 3000 MHz Bandpass
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
30 MHz to 3000 MHz Frequency Range
logo
Teledyne Technologies I...
AC1215 TELEDYNE-AC1215 Datasheet
178Kb / 2P
0.3 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com