Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEZ-8B Datasheet (PDF) - NEC

NEZ-8B Datasheet PDF - NEC
Part # NEZ-8B
Download  NEZ-8B Download
File Size   240.12 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description C-BAND POWER GAAS MESFET

NEZ-8B Datasheet (PDF)

Go To PDF Page Download Datasheet
NEZ-8B Datasheet PDF - NEC

Part # NEZ-8B
Download  NEZ-8B Click to download

File Size   240.12 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description C-BAND POWER GAAS MESFET

NEZ-8B Datasheet (HTML) - NEC


NEZ-8B Product details

DESCRIPTION
The NEZ C-Band series of high performance microwave power GaAs MESFETs provides high gain and low intermodulation distortion over standard and digital communication bands from 3 to 8 GHz.

FEATURES
● INTERNALLY MATCHED (IN/OUT)
● HIGH Pout (4 W, 8 W, & 15W)
● CLASS A OPERATION
● HIGH ηADD (40% TYP)
● LOW IM3 (-45 dBc TYP)
● HERMETICALLY SEALED METAL/CERAMIC PACKAGE
● SPACE QUALIFIED

APPLICATIONS
● ANALOG COMMUNICATIOS
● DIGITAL COMMUNICATIOS




Similar Part No. - NEZ-8B

ManufacturerPart #DatasheetDescription
logo
NEC
NEZ1011-2E NEC-NEZ1011-2E Datasheet
81Kb / 12P
2W X, Ku-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NEZ1011-2E RENESAS-NEZ1011-2E Datasheet
161Kb / 6P
GaAs MES FET
1996
logo
NEC
NEZ1011-3E NEC-NEZ1011-3E Datasheet
82Kb / 12P
N-CHANNEL GaAs MESFET
logo
Renesas Technology Corp
NEZ1011-3E RENESAS-NEZ1011-3E Datasheet
199Kb / 14P
N-CHANNEL GaAs MESFET
1998
logo
NEC
NEZ1011-4E NEC-NEZ1011-4E Datasheet
82Kb / 12P
4W X, Ku-BAND POWER GaAs MESFET
More results


Similar Description - NEZ-8B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
HiRel C-Band GaAs Power-MESFET
September 99
logo
NEC
NE850R599A NEC-NE850R599A Datasheet
19Kb / 2P
C-BAND MEDIUM POWER GaAs MESFET
NE85002 NEC-NE85002_02 Datasheet
60Kb / 6P
2 WATT C-BAND POWER GaAs MESFET
NE8500100 NEC-NE8500100_00 Datasheet
63Kb / 4P
C-BAND MEDIUM POWER GaAs MESFET
logo
California Eastern Labs
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
C-BAND MEDIUM POWER GaAs MESFET
NE85002 CEL-NE85002 Datasheet
61Kb / 6P
2 WATT C-BAND POWER GaAs MESFET
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
C-BAND MEDIUM POWER GaAs MESFET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com