Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS600U Datasheet (PDF) - Maxim Integrated Products

DS600U Datasheet PDF - Maxim Integrated Products
Part # DS600U
Download  DS600U Download
File Size   73.08 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 0.5 Accurate Analog-Output Temperature Sensor

DS600U Datasheet (PDF)

Go To PDF Page Download Datasheet
DS600U Datasheet PDF - Maxim Integrated Products

Part # DS600U
Download  DS600U Click to download

File Size   73.08 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 0.5 Accurate Analog-Output Temperature Sensor

DS600U Datasheet (HTML) - Maxim Integrated Products


DS600U Product details

GENERAL DESCRIPTION
The DS600 is a ±0.5°C accurate analog-output temperature sensor. This accuracy is valid over its entire operating voltage range of 2.7V to 5.5V and the wide temperature range of -20°C to +100°C. The DS600 can also act as a thermostat, with user-programmable trip points. A shutdown mode enables the DS600 to be placed in a low-power standby state. The DS600 is available in an 8-pin µSOP package.

BENEFITS AND FEATURES
■ Accurate Temperature Monitoring Easily Added to Any System
    o ±0.5°C Accuracy (-20°C to +100°C)
    o ±0.75°C Accuracy Over Entire Temperature Range of -40°C to +125°C
    o 6.45mV/°C Output Gain with 509mV Offset at 0°C
    o Requires No External Components
    o User-Programmable Thermostat Function
■ Used In a Wide Variety of Applications
    o Power Supply Range (2.7V to 5.5V)
■ Reacts Quickly to Temperature Shifts
    o Exposed Pad 8-Pin µSOP Package for Quick Thermal Response
■ Shutdown Function Puts Device into a LowPower Standby Mode

APPLICATIONS
    Cold-Junction Thermocouple Compensation
    Portable Medical Equipment
    Thermally Sensitive Systems that Require a High-Accuracy Analog-Output Temperature Sensor




Similar Part No. - DS600U

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS600U MAXIM-DS600U Datasheet
193Kb / 5P
±0.5 Accurate Analog-Output Temperature Sensor
REV: 041607
logo
Danisense A/S
DS600UB-10V DANISENSE-DS600UB-10V Datasheet
558Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 660A
2022-11-24
DS600UB-1V DANISENSE-DS600UB-1V Datasheet
552Kb / 8P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 950A
2022-11-24
More results


Similar Description - DS600U

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
CMOS Monolithic Analog Output Temperature Sensor IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
Analog Output Temperature Sensor IC
logo
Maxim Integrated Produc...
DS600 MAXIM-DS600_07 Datasheet
193Kb / 5P
±0.5 Accurate Analog-Output Temperature Sensor
REV: 041607
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844 Datasheet
903Kb / 44P
짹1째C Accurate, 1.8V Digital Temperature Sensor
2013
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
logo
Microchip Technology
MCP9844 MICROCHIP-MCP9844_14 Datasheet
576Kb / 40P
짹1째C Accurate, 1.8V Digital Temperature Sensor
03/25/14
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
Temperature Sensor IC Analog Output
logo
Maxim Integrated Produc...
MAX6581 MAXIM-MAX6581_V01 Datasheet
1Mb / 27P
짹1째C Accurate 8-Channel Temperature Sensor
2021
MAX31889 MAXIM-MAX31889 Datasheet
531Kb / 31P
짹0.25째C Accurate I2C Temperature Sensor
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com