Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1026BEEE-T Datasheet (PDF) - Maxim Integrated Products

MAX1026BEEE-T Datasheet PDF - Maxim Integrated Products
Part # MAX1026BEEE-T
Download  MAX1026BEEE-T Download
File Size   474.24 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference

MAX1026BEEE-T Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1026BEEE-T Datasheet PDF - Maxim Integrated Products

Part # MAX1026BEEE-T
Download  MAX1026BEEE-T Click to download

File Size   474.24 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference

MAX1026BEEE-T Datasheet (HTML) - Maxim Integrated Products


MAX1026BEEE-T Product details

General Description
The MAX1026/MAX1028/MAX1030 are serial 10-bit analog-to-digital converters (ADCs) with an internal reference and an internal temperature sensor. These devices feature on-chip FIFO, scan mode, internal clock mode, internal averaging, and AutoShutdown™. The maximum sampling rate is 300ksps using an external clock. The MAX1030 has 16 input channels, the MAX1028 has 12 input channels, and the MAX1026 has 8 input channels. All input channels are configurable for single-ended or differential inputs in unipolar or bipolar mode. All three devices operate from a +5V supply and contain a 10MHz SPI™/QSPI™/MICROWIRE™-compatible serial port.

Features
♦ Internal Temperature Sensor (±0.7°C Accuracy)
♦ 16-Entry First-In/First-Out (FIFO)
♦ Analog Multiplexer with True Differential Track/Hold
    16-, 12-, 8-Channel Single Ended
    8-, 6-, 4-Channel True Differential (Unipolar or Bipolar)
♦ Accuracy: ±1 LSB INL, ±1 LSB DNL, No Missing Codes Over Temperature
♦ Scan Mode, Internal Averaging, and Internal Clock
♦ Low-Power Single +5V Operation 2.3mA at 300ksps
♦ Internal 4.096V Reference or External Differential Reference
♦ 10MHz 3-Wire SPI/QSPI/MICROWIRE-Compatible Interface
♦ Space-Saving 28-Pin 5mm x 5mm TQFN Package

Applications
    System Supervision
    Data-Acquisition Systems
    Industrial Control Systems
    Patient Monitoring
    Data Logging
    Instrumentation




Similar Part No. - MAX1026BEEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1026BEEE-T MAXIM-MAX1026BEEE-T Datasheet
254Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
More results


Similar Description - MAX1026BEEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
512Kb / 24P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1027 MAXIM-MAX1027_09 Datasheet
200Kb / 23P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 3/09
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com