Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT1616A-G Datasheet (PDF) - Micro Commercial Components

MMBT1616A-G Datasheet PDF - Micro Commercial Components
Part # MMBT1616A-G
Download  MMBT1616A-G Download
File Size   917.77 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Amplifier

MMBT1616A-G Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT1616A-G Datasheet PDF - Micro Commercial Components

Part # MMBT1616A-G
Download  MMBT1616A-G Click to download

File Size   917.77 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN General Purpose Amplifier

MMBT1616A-G Datasheet (HTML) - Micro Commercial Components


MMBT1616A-G Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Capable of 350mWatts of Power Dissipation and 1A Ic.
• Operating and Storage Junction Temperatures: -55°C to 150°C
• Surface Mount SOT-23 Package
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1
• Marking Code:16A
• Thermal Resistance Junction to Ambient: 357 oC/W




Similar Part No. - MMBT1616A-G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT1616A-G-AE3-R UTC-MMBT1616A-G-AE3-R Datasheet
60Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results


Similar Description - MMBT1616A-G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com