Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF20.241 Datasheet (PDF) - PULS GmbH

UF20.241 Datasheet PDF - PULS GmbH
Part # UF20.241
Download  UF20.241 Download
File Size   543.74 Kbytes
Page   18 Pages
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH
Description 24V, 20A, 200MS, BUFFER MODULE

UF20.241 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF20.241 Datasheet PDF - PULS GmbH

Part # UF20.241
Download  UF20.241 Click to download

File Size   543.74 Kbytes
Page   18 Pages
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH
Description 24V, 20A, 200MS, BUFFER MODULE

UF20.241 Datasheet (HTML) - PULS GmbH




Similar Part No. - UF20.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UF20.481 PULS-UF20.481 Datasheet
542Kb / 18P
48V, 20A, 100MS, BUFFER MODULE
More results


Similar Description - UF20.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
PIC480.241C PULS-PIC480.241C Datasheet
555Kb / 21P
24V, 20A, SINGLE PHASE INPUT
CP20.241 PULS-CP20.241 Datasheet
967Kb / 27P
24V, 20A, SINGLE PHASE INPUT
CP20.241-R1 PULS-CP20.241-R1 Datasheet
827Kb / 30P
24V, 20A, SINGLE PHASE INPUT
UF20.481 PULS-UF20.481 Datasheet
542Kb / 18P
48V, 20A, 100MS, BUFFER MODULE
UF40.241 PULS-UF40.241 Datasheet
569Kb / 18P
24V, 40A, 160MS, BUFFER MODULE
logo
Mean Well Enterprises C...
DBUF20-24 MEANWELL-DBUF20-24 Datasheet
184Kb / 7P
24V/20A DIN Rail Type Buffer Module
DBUF40-24 MEANWELL-DBUF40-24 Datasheet
190Kb / 7P
24V/40A DIN Rail Type Buffer Module
DUPS20 MEANWELL-DUPS20 Datasheet
195Kb / 5P
24V/20A DIN Rail Type Uninterruptible DC-UPS Module
logo
Alpha & Omega Semicondu...
AOZ2367QI-11 AOSMD-AOZ2367QI-11 Datasheet
1Mb / 18P
24V/20A Synchronous EZBuckTM Regulator
Rev. 2.1 May 2022
logo
Murrelektronik GmbH
85394 MURR-85394 Datasheet
89Kb / 2P
IN:23-30 VDC OUT:22-28VDC/20A for 200ms
Version: 2023-06-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com