Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT2222A Datasheet (PDF) - Micro Commercial Components

PZT2222A Datasheet PDF - Micro Commercial Components
Part # PZT2222A
Download  PZT2222A Download
File Size   618.77 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistors

PZT2222A Datasheet (PDF)

Go To PDF Page Download Datasheet
PZT2222A Datasheet PDF - Micro Commercial Components

Part # PZT2222A
Download  PZT2222A Click to download

File Size   618.77 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Plastic-Encapsulate Transistors

PZT2222A Datasheet (HTML) - Micro Commercial Components


PZT2222A Product details

Features
• Surface Mount SOT-223 Package
• Capable of 1Watts of Power Dissipation
• Ic:0.6A
• Marking:ZT2222A
• Operating and Storage Junction Temperatures:-55°C to 150°C
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS Compliant. See ordering information)




Similar Part No. - PZT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
NPN switching transistor
1999 Apr 14
logo
Siemens Semiconductor G...
PZT2222A SIEMENS-PZT2222A Datasheet
126Kb / 6P
NPN Silicon Switching Transistors
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
113Kb / 6P
NPN General Purpose Amplifier
PZT2222A FAIRCHILD-PZT2222A Datasheet
211Kb / 8P
NPN General Purpose Amplifier
logo
Weitron Technology
PZT2222A WEITRON-PZT2222A Datasheet
108Kb / 4P
NPN Silicon Planar Epitaxial Transistor
More results


Similar Description - PZT2222A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC337-16 MCC-BC337-16 Datasheet
125Kb / 3P
NPN Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9018T SECOS-S9018T Datasheet
110Kb / 1P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BCX55 MCC-BCX55 Datasheet
298Kb / 3P
NPN Plastic-Encapsulate Transistors
KTC4075-O MCC-KTC4075-O Datasheet
311Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
NPN Plastic-Encapsulate Transistors
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
NPN Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com