Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5332 Datasheet (PDF) - Silicon Laboratories

SI5332 Datasheet PDF - Silicon Laboratories
Part # SI5332
Download  SI5332 Download
File Size   816.11 Kbytes
Page   59 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Any-Frequency 6/8/12-output

SI5332 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5332 Datasheet PDF - Silicon Laboratories

Part # SI5332
Download  SI5332 Click to download

File Size   816.11 Kbytes
Page   59 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Any-Frequency 6/8/12-output

SI5332 Datasheet (HTML) - Silicon Laboratories


SI5332 Product details

Based on Silicon Labs proprietary MultiSynth™ flexible frequency synthesis technology,the Si5332 generates any combination of output frequencies with excellent jitter performance (230 fs rms). The devices highly flexible architecture enables a single device to generate a wide range of integer and non-integer related frequencies on up to 12 differential clock outputs with 0 ppm frequency synthesis error. The device offers multiple banks of outputs that can each be tied to independent voltages, enabling usage in mixed-supply applications. Further, the signal format of each clock output is user-config urable. Given its frequency, format, and supply voltage flexibility, the Si5332 is ideally suited to replace multiple clock ICs and oscillators with a single device.

KEY FEATURES
• Any-Frequency 6/8/12-output programmable clock generators
• Offered in three different package sizes, supporting different combinations of output clocks and user configurable hardware input pins
• 32-pin QFN, up to 6 outputs
• 40-pin QFN, up to 8 outputs
• 48-pin QFN, up to 12 outputs
• MultiSynth technology enables any frequency synthesis on any output up to 250 MHz
• Highly configurable output path featuring a cross point mux
• Up to three independent fractional synthesis output paths
• Up to five independent integer dividers
• Embedded 50 MHz crystal option
• Input frequency range:
• External crystal: 16 to 50 MHz
• Differential clock: 10 to 250 MHz
• LVCMOS clock: 10 to 170 MHz
• Output frequency range:
• Differential: 5 to 312.5 MHz
• LVCMOS: 5 to 170 MHz
• User-configurable clock output signal format per output: LVDS, LVPECL, HCSL, LVCMOS
• Temperature range: –40 to +85 °C
• Down and center spread spectrum
• RoHS-6 compliant

Applications:
• Servers, Storage, Search Acceleration
• Ethernet Switches, Routers
• Small Cells, Mobile Backhaul/Fronthaul
• Print Imaging
• Communications
• Broadcast Video
• Test and Measurement
• Industrial, Embedded Computing




Similar Part No. - SI5332

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5332 SKYWORKS-SI5332 Datasheet
1Mb / 76P
6/8/12-Output Any-Frequency Clock Generator
Revision 206453A January, 2023
SI5332-AM SKYWORKS-SI5332-AM Datasheet
1Mb / 62P
Automotive Grade Clock Generator with SmartClock™ Technology
Revision A July, 2022
logo
Silicon Laboratories
SI53320 SILABS-SI53320 Datasheet
1Mb / 25P
1:5 LOW JITTER LVPECL CLOCK BUFFER
logo
Skyworks Solutions Inc.
SI53320 SKYWORKS-SI53320 Datasheet
2Mb / 50P
Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2 December 3, 2021
logo
Silicon Laboratories
SI53320-28 SILABS-SI53320-28 Datasheet
1Mb / 51P
Output Enable option
More results


Similar Description - SI5332

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Microchip Technology
ZL30260 MICROCHIP-ZL30260 Datasheet
2Mb / 94P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
logo
Microsemi Corporation
ZL30260 MICROSEMI-ZL30260 Datasheet
265Kb / 4P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
September 2016
logo
Skyworks Solutions Inc.
SI5332 SKYWORKS-SI5332 Datasheet
1Mb / 76P
6/8/12-Output Any-Frequency Clock Generator
Revision 206453A January, 2023
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
SI5357 SKYWORKS-SI5357 Datasheet
1Mb / 27P
12-Output Any-Frequency Clock Generator
Rev. 1.0
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com