Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5355 Datasheet (PDF) - ON Semiconductor

FAN5355 Datasheet PDF - ON Semiconductor
Part # FAN5355
Download  FAN5355 Download
File Size   1869.81 Kbytes
Page   27 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator

FAN5355 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN5355 Datasheet PDF - ON Semiconductor

Part # FAN5355
Download  FAN5355 Click to download

File Size   1869.81 Kbytes
Page   27 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.1 A / 1 A / 0.8 A, 3 MHz Digitally Programmable Regulator

FAN5355 Datasheet (HTML) - ON Semiconductor


FAN5355 Product details

Description
The FAN5355 device is a high-frequency, ultra-fast transient response, synchronous step-down DC-DC converter optimized for low-power applications using small, low-cost inductors and capacitors. The FAN5355 supports up to 800 mA, 1 A, or 1.1 A load current.

Features
■ 93% Efficiency at 3 MHz
■ 800 mA, 1 A, or 1.1 A Output Current
■ I2C™-Compatible Interface up to 3.4 Mbps
■ 6-bit VOUT Programmable from 0.75 V to 1.975 V
■ 2.7 V to 5.5 V Input Voltage Range
■ 3 MHz Fixed-Frequency Operation
■ Excellent Load and Line Transient Response
■ Small Size, 1 μH Inductor Solution
■ ±2% PWM DC Voltage Accuracy
■ 35 ns Minimum On-Time
■ High-Efficiency, Low-Ripple, Light-Load PFM
■ Smooth Transition between PWM and PFM
■ 37 μA Operating PFM Quiescent Current
■ Pin-Selectable or I2C™ Programmable Output Voltage
■ On-the-Fly External Clock Synchronization
■ 10-lead MLP (3 x 3 mm) or 12-bump CSP Packages

Applications
■ Cell Phones, Smart Phones
■ 3G, WiFi®, WiMAX™, and WiBro® Data Cards
■ Netbooks®, Ultra-Mobile PCs
■ SmartReflex™-Compliant Power Supply
■ Split Supply DSPs and μP Solutions OMAP™, XSCALE™
■ Mobile Graphic Processors (NVIDIA®, ATI)
■ LPDDR2 and Memory Modules




Similar Part No. - FAN5355

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5355 FAIRCHILD-FAN5355 Datasheet
1Mb / 27P
1A / 0.8A, 3MHz Digitally Programmable TinyBuckTM Regulator
FAN5355 FAIRCHILD-FAN5355 Datasheet
2Mb / 26P
1A / 0.8A, 3MHz Digitally Programmable Regulator
logo
ON Semiconductor
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53555BUC05X ONSEMI-FAN53555BUC05X Datasheet
1Mb / 32P
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
FAN53555BUC08X ONSEMI-FAN53555BUC08X Datasheet
1Mb / 32P
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results


Similar Description - FAN5355

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3089 AD-ADP3089 Datasheet
103Kb / 4P
1 MHz, 1 A Buck Regulator
logo
ON Semiconductor
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
FAN53202 ONSEMI-FAN53202 Datasheet
1Mb / 21P
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0
FAN53526 ONSEMI-FAN53526_17 Datasheet
1Mb / 22P
3.0 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
December, 2017 ??Rev. 4
FAN53528 ONSEMI-FAN53528 Datasheet
553Kb / 4P
3.0 A, 2.4 MHz, Digitally Programmable Buck Regulator
Rev. 1.2
FAN53555 ONSEMI-FAN53555 Datasheet
1Mb / 32P
5 A, 2.4 MHz, Digitally Programmable TinyBuck Regulator
March, 2018 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com