Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN8060 Datasheet (PDF) - ON Semiconductor

FAN8060 Datasheet PDF - ON Semiconductor
Part # FAN8060
Download  FAN8060 Download
File Size   488.72 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator

FAN8060 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN8060 Datasheet PDF - ON Semiconductor

Part # FAN8060
Download  FAN8060 Click to download

File Size   488.72 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator

FAN8060 Datasheet (HTML) - ON Semiconductor


FAN8060 Product details

Description
The FAN8060 is a highly efficient, monolithic, currentmode, step-down synchronous regulator. It can provide 1 A continuous current from 2.5 V to 5.5 V input voltage. The output voltage can be adjusted from 1.2 V up to the input voltage with an external voltage divider.

Features
■ Current Mode Control
■ Over 96% Efficient
■ Selectable Continuous Output Current: 500 mA/1 A
■ 2.5 V to 5.5 V Input Voltage Range
■ Output Voltage as Low as 1.2 V
■ 1.2 MHz Operating Frequency
■ Less than 1 µA Shutdown Current
■ External Synchronization from 500 kHz to 2 MHz
■ 100% Duty Cycle
■ Synchronous Switching FET; no Schottky Diode Required
■ Stable with Ceramic Capacitors
■ Light Load Mode with Pulse Skipping
■ External Compensation
■ External Soft-Start
■ Overload / Short-Circuit Protection
■ Under-Voltage Lockout
■ Thermal Shutdown
■ 10-Lead 3x3 mm Green MLP Package

Applications
■ PDAs
■ GPS Devices
■ MP3 Players
■ Mini PCI
■ Digital Cameras
■ Peripheral Ports
■ DSP Core
■ USB Devices
■ PCMCIA
■ Cable Modem
■ Data Cards




Similar Part No. - FAN8060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
FAN8060EMPX FAIRCHILD-FAN8060EMPX Datasheet
507Kb / 13P
1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
More results


Similar Description - FAN8060

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2118 AD-ADP2118 Datasheet
1Mb / 24P
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Converter
REV. 0
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Analog Devices
ADP2119 AD-ADP2119 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
Synchronous DC/DC Step-Down Regulator
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
7 A Synchronous DC-DC Step down Regulator,
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com