Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3019 Datasheet (PDF) - Micro Commercial Components

2SK3019 Datasheet PDF - Micro Commercial Components
Part # 2SK3019
Download  2SK3019 Download
File Size   578.56 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-Channel Plastic-Encapsulate Transistor

2SK3019 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3019 Datasheet PDF - Micro Commercial Components

Part # 2SK3019
Download  2SK3019 Click to download

File Size   578.56 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-Channel Plastic-Encapsulate Transistor

2SK3019 Datasheet (HTML) - Micro Commercial Components


2SK3019 Product details

Features
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Low ON-Resistance
• Low voltage drive makes this device ideal for portable equipment
• Fast Switching Speed
• Easily designed drive circuits
• Easy to parallel
• Available in Lead Free/RoHS Compliant Version
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Marking:KN
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - 2SK3019

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3019 ROHM-2SK3019 Datasheet
87Kb / 5P
Small switching (30V, 0.1A)
2SK3019 ROHM-2SK3019 Datasheet
89Kb / 4P
2.5V Drive Nch MOS FET
2SK3019 ROHM-2SK3019 Datasheet
76Kb / 4P
2.5V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK3019 KEXIN-2SK3019 Datasheet
1,002Kb / 3P
N-Channel MOSFET
logo
Jiangsu Changjiang Elec...
2SK3019 JIANGSU-2SK3019 Datasheet
1Mb / 5P
N-channel MOSFET
More results


Similar Description - 2SK3019

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SD2403Q SECOS-2SD2403Q Datasheet
297Kb / 2P
Plastic-Encapsulate Transistor
MPSA06 SECOS-MPSA06 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2N7002T MCC-2N7002T Datasheet
145Kb / 4P
N-Channel Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BCX19 SECOS-BCX19_15 Datasheet
308Kb / 1P
Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2N7002T MCC-2N7002T_13 Datasheet
299Kb / 4P
N-Channel Plastic-Encapsulate Transistor
2SK3019A MCC-2SK3019A Datasheet
486Kb / 4P
N-Channel Plastic-Encapsulate Transistor
SI1012 MCC-SI1012 Datasheet
505Kb / 4P
N-Channel Plastic-Encapsulate Transistor
logo
SEC Electronics Inc.
2N7002T SECELECTRONICS-2N7002T Datasheet
191Kb / 3P
N-Channel Plastic- Encapsulate MOSFETS
logo
SeCoS Halbleitertechnol...
CZD882M SECOS-CZD882M Datasheet
349Kb / 2P
NPN Plastic Encapsulate Transistor
logo
ACE Technology Co., LTD...
ACE13019B ACE-ACE13019B Datasheet
439Kb / 5P
N-Channel Plastic-Encapsulate MOSFETS
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com