Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLRR-4 Datasheet (PDF) - Littelfuse

MLRR-4 Datasheet PDF - Littelfuse
Part # MLRR-4
Download  MLRR-4 Download
File Size   506.12 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 15.2mm Sub-miniature Close Differential Reed Switch

MLRR-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLRR-4 Datasheet PDF - Littelfuse

Part # MLRR-4
Download  MLRR-4 Click to download

File Size   506.12 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 15.2mm Sub-miniature Close Differential Reed Switch

MLRR-4 Datasheet (HTML) - Littelfuse




Similar Part No. - MLRR-4

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
MLRR-4 HAMLIN-MLRR-4 Datasheet
260Kb / 1P
Sub-miniature normally open switch with 15.24mm x 2.54mm
More results


Similar Description - MLRR-4

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MM-1018-L RRE-MM-1018-L Datasheet
103Kb / 1P
Micro-miniature Reed Switch
MC-1425-15-18 RRE-MC-1425-15-18 Datasheet
102Kb / 1P
Miniature Close Differential Reed Switch
MO-1422-15-18 RRE-MO-1422-15-18 Datasheet
100Kb / 1P
Miniature Reed Switch
RM-1318-L RRE-RM-1318-L Datasheet
109Kb / 1P
Reduced-miniature Reed Switch
SM-1322-L RRE-SM-1322-L Datasheet
109Kb / 1P
Sub-miniature Reed Switch
UM-0018-M RRE-UM-0018-M Datasheet
119Kb / 1P
Ultra-miniature Reed Switch
logo
Littelfuse
MDSM-10 LITTELFUSE-MDSM-10 Datasheet
639Kb / 3P
MDSM-10 10.2mm Sub-miniature Surface Mount Reed Switch
MDSR-7 LITTELFUSE-MDSR-7 Datasheet
372Kb / 2P
MDSR-7 12.7mm Sub-miniature Reed Switch
MDSR-10 LITTELFUSE-MDSR-10 Datasheet
507Kb / 2P
MDSR-10 10.2mm Sub-miniature Reed Switch
DRR-129 LITTELFUSE-DRR-129 Datasheet
501Kb / 2P
DRR-129 50.8mm Close-Differential Reed Switch
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com