Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4781 Datasheet (PDF) - Maxim Integrated Products

MAX4781 Datasheet PDF - Maxim Integrated Products
Part # MAX4781
Download  MAX4781 Download
File Size   348.2 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers

MAX4781 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4781 Datasheet PDF - Maxim Integrated Products

Part # MAX4781
Download  MAX4781 Click to download

File Size   348.2 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers

MAX4781 Datasheet (HTML) - Maxim Integrated Products


MAX4781 Product details

General Description
The MAX4781/MAX4782/MAX4783 are high-speed, low-voltage, low on-resistance, CMOS analog multiplexers/switches configured as an 8-channel multiplexer (MAX4781), two 4-channel multiplexers (MAX4782), and three single-pole/double-throw (SPDT) switches (MAX4783).
These devices operate with a +1.6V to +3.6V single supply. When powered from a +3V supply, MAX4781/MAX4782/MAX4783 feature a 0.7Ω on-resistance (RON), with 0.3Ω RON matching between channels, and 0.1Ω RON flatness. These devices handle rail-to-rail analog signals while consuming less than 3µW of quiescent power. They are available in space-saving 16-pin thin QFN (3mm x 3mm) and TSSOP packages.

Features
♦ On-Resistance
   0.7Ω (+3V Supply)
   1.6Ω (+1.8V Supply)
♦ On-Resistance Match Between Channels
   0.3Ω (+3V Supply)
♦ On-Resistance Flatness
   0.1Ω (+3V Supply)
♦ Single-Supply Operation Down to 1.6V
♦ High-Current Handling Capacity (150mA
   Continuous)
♦ +1.8V CMOS-Logic Compatible
♦ Fast Switching Times: tON = 11ns, tOFF = 4ns
♦ Pin Compatible with Industry-Standard
   74HC4051/74HC4052/74HC4053 and
   MAX4617/MAX4618/MAX4619
♦ Available in 3mm x 3mm 16-Pin Thin QFN Packages

Applications
   Battery-Operated Equipment
   Audio Signal Routing
   Low-Voltage Data-Acquisition Systems
   Communications Circuits




Similar Part No. - MAX4781

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX478 MAXIM-MAX478 Datasheet
256Kb / 12P
17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
MAX478-MAX479 MAXIM-MAX478-MAX479 Datasheet
256Kb / 12P
17關A Max, Dual/Quad, Single-Supply, Precision Op Amps
Rev. 1; 11/98
MAX4780 MAXIM-MAX4780 Datasheet
349Kb / 13P
0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
MAX4780 MAXIM-MAX4780 Datasheet
155Kb / 11P
0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
MAX4780ETE MAXIM-MAX4780ETE Datasheet
349Kb / 13P
0.7 M Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 3; 12/04
More results


Similar Description - MAX4781

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com