Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NESG2030M04 Datasheet (PDF) - NEC

NESG2030M04 Datasheet PDF - NEC
Part # NESG2030M04
Download  NESG2030M04 Download
File Size   13.92 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NONLINEAR MODEL

NESG2030M04 Datasheet (PDF)

Go To PDF Page Download Datasheet
NESG2030M04 Datasheet PDF - NEC

Part # NESG2030M04
Download  NESG2030M04 Click to download

File Size   13.92 Kbytes
Page   1 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NONLINEAR MODEL

NESG2030M04 Datasheet (HTML) - NEC


NESG2030M04 Product details

DESCRIPTION
The NESG2030M04 is fabricated using NECs state-of-the-art SiGe, wafer process. With a typical transition frequency of 60 GHz the NESG2030M04 is usable in applications from 100 MHz to over 10 GHz. Maximum DC current input of 35 mA provides a device with a usable current range of 250 µA to 25 mA. The NESG2030M04 provides excellent low voltage/low current performance.
NECs new low profile/flat lead style "M04" package is ideal for todays portable wireless applications. The NESG2030M04 is an ideal choice for LNA and oscillator requirements in all mobile communication systems.

FEATURES
• SiGe TECHNOLOGY:
   fT = 60 GHz Process
• LOW NOISE FIGURE:
   NF = 0.9 dBm at 2 GHz
• HIGH MAXIMUM STABLE GAIN:
   MSG = 20 dB at 2 GHz
• NEW LOW PROFILE M04 PACKAGE:
   SOT-343 footprint, with a height of only 0.59 mm
   Flat lead style for better RF performance




Similar Part No. - NESG2030M04

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2030M04 CEL-NESG2030M04 Datasheet
466Kb / 10P
NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04-A CEL-NESG2030M04-A Datasheet
466Kb / 10P
NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
NEC
NESG2030M04-T2 NEC-NESG2030M04-T2 Datasheet
151Kb / 9P
NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2030M04-T2 CEL-NESG2030M04-T2 Datasheet
466Kb / 10P
NPN SiGe HIGH FREQUENCY TRANSISTOR
More results


Similar Description - NESG2030M04

ManufacturerPart #DatasheetDescription
logo
NEC
NE68135 NEC-NE68135 Datasheet
26Kb / 1P
NONLINEAR MODEL
NE68800 NEC-NE68800 Datasheet
28Kb / 1P
NONLINEAR MODEL
logo
California Eastern Labs
NE85639 CEL-NE85639 Datasheet
37Kb / 1P
NONLINEAR MODEL
NE85633 CEL-NE85633 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE85619 CEL-NE85619 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68130 CEL-NE68130 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68119 CEL-NE68119 Datasheet
46Kb / 1P
NONLINEAR MODEL
NE68030 CEL-NE68030 Datasheet
30Kb / 1P
NONLINEAR MODEL
NE68019 CEL-NE68019 Datasheet
70Kb / 1P
NONLINEAR MODEL
UPA801T_V1 CEL-UPA801T_V1 Datasheet
19Kb / 2P
NONLINEAR MODEL
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com