Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4790ETT Datasheet (PDF) - Maxim Integrated Products

MAX4790ETT Datasheet PDF - Maxim Integrated Products
Part # MAX4790ETT
Download  MAX4790ETT Download
File Size   325.44 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 200mA/250mA/300mA Current-Limit Switches

MAX4790ETT Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4790ETT Datasheet PDF - Maxim Integrated Products

Part # MAX4790ETT
Download  MAX4790ETT Click to download

File Size   325.44 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 200mA/250mA/300mA Current-Limit Switches

MAX4790ETT Datasheet (HTML) - Maxim Integrated Products


MAX4790ETT Product details

General Description
The MAX4789–MAX4794 family of switches feature internal current limiting to prevent damage to host devices due to faulty load conditions. These analog switches have a low 0.2Ω on-resistance and operate from 2.3V to 5.5V input voltage range. They are available with guaranteed 200mA, 250mA, and 300mA current limits, making them ideal for SDIO and other load switching applications.

Features
♦ Guaranteed Current Limit: 200mA, 250mA, 300mA
♦ Thermal-Shutdown Protection
♦ Reverse Current Protection
♦ 0.2Ω On-Resistance
♦ 14ms Guaranteed Blanking Time
♦ FLAG Function (MAX4789/MAX4791/MAX4793)
♦ 80µA Supply Current
♦ 8µA Latch-Off Current
   (MAX4789/MAX4791/MAX4793)
♦ 0.01µA Shutdown Current
♦ 2.3V to 5.5V Supply Range
♦ Undervoltage Lockout
♦ Fast Current-Limit Response Time (5µs)
♦ TDFN and SOT23/SOT143 Packages

Applications
  PDAs and Palmtop Devices
  Cell Phones
  GPS Systems
  Handheld Devices
  SDIO




Similar Part No. - MAX4790ETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4790ETT+ MAXIM-MAX4790ETT+ Datasheet
168Kb / 11P
200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4790ETT+ MAXIM-MAX4790ETT+ Datasheet
1Mb / 12P
200mA/250mA/300mA Current-Limit Switches
2019
More results


Similar Description - MAX4790ETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
200mA/250mA/300mA Current-Limit Switches
2019
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com