Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK2050 Datasheet (PDF) - Tripath Technology Inc.

TK2050 Datasheet PDF - Tripath Technology Inc.
Part # TK2050
Download  TK2050 Download

File Size   400.33 Kbytes
Page   19 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER

TK2050 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK2050 Datasheet PDF - Tripath Technology Inc.

Part # TK2050
Download  TK2050 Click to download

File Size   400.33 Kbytes
Page   19 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO 50W (8OHM) CLASS-T DIGITAL AUDIO AMPLIFIER

TK2050 Datasheet (HTML) - Tripath Technology Inc.

Back Button TK2050 Datasheet HTML 1Page - Tripath Technology Inc. TK2050 Datasheet HTML 2Page - Tripath Technology Inc. TK2050 Datasheet HTML 3Page - Tripath Technology Inc. TK2050 Datasheet HTML 4Page - Tripath Technology Inc. TK2050 Datasheet HTML 5Page - Tripath Technology Inc. TK2050 Datasheet HTML 6Page - Tripath Technology Inc. TK2050 Datasheet HTML 7Page - Tripath Technology Inc. TK2050 Datasheet HTML 8Page - Tripath Technology Inc. TK2050 Datasheet HTML 9Page - Tripath Technology Inc. TK2050 Datasheet HTML 10Page - Tripath Technology Inc. Next Button 

TK2050 Product details

GENERAL DESCRIPTION

The TK2050 (TC2000/TP2050 chipset) is a 50W continuous average power per channel, Class-T Digital Audio Power Amplifier using Tripath’s proprietary Digital Power Processing technology. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers. The performance of the TK2050 is similar to the TK2051, but the TP2050 driver used in the TK2050 is a thermally enhanced PSOP package, which provides for a more effective and flexible heat removal solution.



FEATURES

Class-T Architecture

High Output power

  35W @ 6Ω,< 1% THD+N

  50W @ 8Ω, < 3% THD+N

  117W @ 4Ω, < 10.0% THD+N (paralleled outputs)

Audiophile Quality Sound

  0.007% THD+N @ 30W 8Ω

  0.005% THD+N @ 70W 4Ω (paralleled outputs)

High Efficiency

  92% @ 60W 8Ω

  85% @ 46W 6Ω

  89% @ 117W 4Ω(paralleled outputs)

Dynamic Range >100 dB



APPLICATIONS

5.1-Channel DVD

Mini/Micro Component Systems

Home Theater

Stereo applications (6Ω/ 8Ω)

Mono applications (4Ω)




Similar Part No. - TK2050

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
More results


Similar Description - TK2050

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TK2019 TRIPATH-TK2019 Datasheet
414Kb / 21P
   STEREO 20W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
   STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com