Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL127S Datasheet (PDF) - Cypress Semiconductor

S25FL127S Datasheet PDF - Cypress Semiconductor
Part # S25FL127S
Download  S25FL127S Download
File Size   2553.22 Kbytes
Page   142 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory

S25FL127S Datasheet (PDF)

Go To PDF Page Download Datasheet
S25FL127S Datasheet PDF - Cypress Semiconductor

Part # S25FL127S
Download  S25FL127S Click to download

File Size   2553.22 Kbytes
Page   142 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128-Mbit (16 Mbyte) 3.0 V SPI Flash Memory

S25FL127S Datasheet (HTML) - Cypress Semiconductor


S25FL127S Product details

Overview
General Description
The Cypress S25FL127S device is a flash non-volatile memory product using:
■ MirrorBit technology - that stores two data bits in each memory array transistor
■ Eclipse architecture - that dramatically improves program and erase performance
■ 65 nm process lithography

This device connects to a host system via a Serial Peripheral Interface (SPI). Traditional SPI single bit serial input and output (Single I/O or SIO) is supported as well as optional two bit (Dual I/O or DIO) and four bit (Quad I/O or QIO) serial commands. This multiple width interface is called SPI Multi-I/O or MIO.
The Eclipse architecture features a Page Programming Buffer that allows up to 128 words (256 bytes) or 256 words (512 bytes) to be programmed in one operation, resulting in faster effective programming and erase than prior generation SPI program or erase algorithms.
Executing code directly from flash memory is often called Execute-In-Place or XIP. By using FL-S devices at the higher clock rates supported, with QIO command, the instruction read transfer rate can match or exceed traditional parallel interface, asynchronous, NOR flash memories while reducing signal count dramatically.
The S25FL127S product offers a high density coupled with the flexibility and fast performance required by a variety of embedded applications. It is ideal for code shadowing, XIP, and data storage.

Features
■ CMOS 3.0 Volt Core
■ Density
   – 128 Mbits (16 Mbytes)
■ Serial Peripheral Interface (SPI) with Multi-I/O
   – SPI Clock polarity and phase modes 0 and 3
   – Extended Addressing: 24- or 32-bit address options
   – Serial Command set and footprint compatible with
      S25FL-A,
      S25FL-K, and S25FL-P SPI families
   – Multi I/O Command set and footprint compatible with
      S25FL-P SPI family
■ READ Commands
   – Normal, Fast, Dual, Quad
   – AutoBoot - power up or reset and execute a Normal or Quad read command automatically at a preselected address
   – Common Flash Interface (CFI) data for configuration information.
■ Programming (0.8 Mbytes/s)
   – 256- or 512-byte Page Programming buffer options
   – Quad-Input Page Programming (QPP) for slow clock systems
   – Automatic ECC -internal hardware Error Correction Code generation with single bit error correction
■ Erase (0.5 Mbytes/s)
   – Hybrid sector size option - physical set of sixteen 4-kbyte
      sectors at top or bottom of address space with all
      remaining sectors of 64 kbytes
   – Uniform sector option - always erase 256-kbyte blocks for
      software compatibility with higher density and future
      devices.
■ Cycling Endurance
   – 100,000 Program-Erase Cycles per sector, minimum
■ Data Retention
   – 20 Year Data Retention, minimum
■ Security features
   – One Time Program (OTP) array of 1024 bytes
   – Block Protection:
      – Status Register bits to control protection against program or erase of a contiguous range of sectors.
      – Hardware and software control options
   – Advanced Sector Protection (ASP)
      – Individual sector protection controlled by boot code or password
■ Cypress® 65 nm MirrorBit Technology with Eclipse Architecture
■ Supply Voltage: 2.7V to 3.6V
■ Temperature Range:
   – Industrial (-40°C to +85°C)
   – Industrial Plus (-40°C to +105°C)
   – Automotive AEC-Q100 Grade 3 (-40°C to +85°C)
   – Automotive AEC-Q100 Grade 2 (-40°C to +105°C)
■ Packages (all Pb-free)
   – 8-lead SOIC (208 mil)
   – 16-lead SOIC (300 mil)
   – 8-contact WSON 6 x 5 mm
   – BGA-24 6 x 8 mm
      – 5 x 5 ball (FAB024) and 4 x 6 ball (FAC024) footprint options
   – Known Good Die and Known Tested Die




Similar Part No. - S25FL127S

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL127S SPANSION-S25FL127S Datasheet
5Mb / 131P
128 Mbit (16 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core
logo
Infineon Technologies A...
S25FL127S INFINEON-S25FL127S Datasheet
2Mb / 142P
128 Mbit (16 Mbyte) 3.0V SPI Flash Memory
Revised March 24, 2017
S25FL127SABMFI100 INFINEON-S25FL127SABMFI100 Datasheet
2Mb / 142P
128 Mbit (16 Mbyte) 3.0V SPI Flash Memory
Revised March 24, 2017
More results


Similar Description - S25FL127S

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL127S SPANSION-S25FL127S Datasheet
5Mb / 131P
128 Mbit (16 Mbyte) MirrorBit짰 Flash Non-Volatile Memory CMOS 3.0 Volt Core
logo
Cypress Semiconductor
S25FL064P CYPRESS-S25FL064P Datasheet
5Mb / 62P
64-Mbit 3.0 V SPI Flash Memory
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S25FL512S CYPRESS-S25FL512S Datasheet
3Mb / 133P
512 Mbit (64 Mbyte), 3.0 V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL064S CYPRESS-S29GL064S Datasheet
1Mb / 105P
64 Mbit (8 Mbyte) 3.0 V Flash Memory
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
128-Mbit, 3.0 V Flash Memory
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
128-Mbit 3.0 V Flash Memory
S25FL204K CYPRESS-S25FL204K Datasheet
1Mb / 35P
4-Mbit 3.0 V SPI Flash Memory
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com