Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPTION020 Datasheet (PDF) - Broadcom Corporation.

OPTION020 Datasheet PDF - Broadcom Corporation.
Part # OPTION020
Download  OPTION020 Download
File Size   101.83 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Optocoupler Option 020 for 5000 V rms/1 Minute Requirement

OPTION020 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPTION020 Datasheet PDF - Broadcom Corporation.

Part # OPTION020
Download  OPTION020 Click to download

File Size   101.83 Kbytes
Page   2 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Optocoupler Option 020 for 5000 V rms/1 Minute Requirement

OPTION020 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - OPTION020

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
OPTION300 BOARDCOM-OPTION300 Datasheet
123Kb / 6P
Gull Wing Surface Mount Option for Optocouplers
logo
Keysight Technologies
OPTIONS KEYSIGHT-OPTIONS Datasheet
6Mb / 16P
Femto/Picoammeter and Electrometer/High Resistance Meter
November 14, 2017
logo
Microchip Technology
OPTION_REG MICROCHIP-OPTION_REG Datasheet
3Mb / 222P
Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
2013
More results


Similar Description - OPTION020

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-202BH CUI-PJ-202BH Datasheet
237Kb / 1P
VOLTAGE WITHSTAND: 500V AC R.N.S. FOR 1 MINUTE
logo
List of Unclassifed Man...
231-20 ETC2-231-20 Datasheet
184Kb / 1P
DLELECTRIC WITHSTANDING:500VAC FOR ONE MINUTE.
logo
E-SWITCH
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
logo
Recom International Pow...
RKZ-XX2005D RECOM-RKZ-XX2005D Datasheet
323Kb / 5P
High Isolation 3kVDC & 4kVDC for 1 minute
logo
Broadcom Corporation.
EN60747-5-2 BOARDCOM-EN60747-5-2 Datasheet
54Kb / 3P
Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
E55361 AVAGO-E55361 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
Hotchip Technology Co.,...
PC817 HOTCHIP-PC817 Datasheet
852Kb / 5P
High isolation voltage between inputand output (Viso=5000 V rms )
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com