Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSF5X20 Datasheet (PDF) - Schurter Inc.

FSF5X20 Datasheet PDF - Schurter Inc.
Part # FSF5X20
Download  FSF5X20 Download
File Size   303.11 Kbytes
Page   4 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC

FSF5X20 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSF5X20 Datasheet PDF - Schurter Inc.

Part # FSF5X20
Download  FSF5X20 Click to download

File Size   303.11 Kbytes
Page   4 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC

FSF5X20 Datasheet (HTML) - Schurter Inc.




Similar Part No. - FSF5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSF5X20 SCHURTER-FSF5X20 Datasheet
318Kb / 4P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
29.09.2021
FSF5X20 SCHURTER-FSF5X20 Datasheet
318Kb / 4P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
04.01.2022
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL Datasheet
283Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL Datasheet
295Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
29.09.2021
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL Datasheet
295Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
04.01.2022
More results


Similar Description - FSF5X20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00341527 SCHURTER-00341527 Datasheet
362Kb / 3P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
00343851 SCHURTER-00343851 Datasheet
294Kb / 3P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
00011001 SCHURTER-00011001 Datasheet
338Kb / 2P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FSK5X20 SCHURTER-FSK5X20 Datasheet
184Kb / 3P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
SP5X20 SCHURTER-SP5X20 Datasheet
306Kb / 3P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FSF5X20 SCHURTER-FSF5X20_V01 Datasheet
318Kb / 4P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
29.09.2021
FSK5X20 SCHURTER-FSK5X20_V01 Datasheet
223Kb / 4P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
29.09.2021
7010.3110 SCHURTER-7010.3110_V02 Datasheet
269Kb / 4P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, 220 VAC
04.01.2022
FSK5X20 SCHURTER-FSK5X20_V02 Datasheet
223Kb / 4P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, cULus, 250 VAC
04.01.2022
FSF5X20 SCHURTER-FSF5X20_V02 Datasheet
318Kb / 4P
Miniature Fuse, 5 x 20 mm, Quick-Acting F, L, 250 VAC
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com