Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE3005 Datasheet (PDF) - List of Unclassifed Manufacturers

XE3005 Datasheet PDF - List of Unclassifed Manufacturers
Part # XE3005
Download  XE3005 Download
File Size   465.73 Kbytes
Page   32 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low-Power Audio CODEC

XE3005 Datasheet (PDF)

Go To PDF Page Download Datasheet
XE3005 Datasheet PDF - List of Unclassifed Manufacturers

Part # XE3005
Download  XE3005 Click to download

File Size   465.73 Kbytes
Page   32 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low-Power Audio CODEC

XE3005 Datasheet (HTML) - List of Unclassifed Manufacturers


XE3005 Product details

[XEMICS]

General Description
The XE3005 is an ultra low-power CODEC (Analog to Digital and Digital to Analog Converter) for voice and audio applications. It includes microphone supply, preamplifier, 16-bit ADC, 16-bit DAC, serial audio interface, power management and clock management for the ADC and the DAC. The sampling frequency of the ADC and of the DAC can be adjusted from 4 kHz to 48 kHz.

Features
• Ultra low-power consumption, below 2 mW
• Low-voltage operation down to 1.8 V
• Sandman™ function to reduce system power consumption (XE3006)
• Single supply voltage
• Adjustable sampling frequency: 4 – 48 kHz
• Digital format: 16 bit 2s complement
• Requires a minimum number of external components
• Easy interfacing to various DSPs
• Direct connection to microphone and speaker
• Various programming options

Applications
• Wireless Headsets
• Bluetooth™ headset
• Hands-free telephony
• Digital hearing instruments
• Consumer and multimedia applications
• All battery-operated portable audio devices




Similar Part No. - XE3005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE3005 SEMTECH-XE3005 Datasheet
379Kb / 37P
Low-Power Audio CODEC
More results


Similar Description - XE3005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2602 AD-SSM2602 Datasheet
611Kb / 28P
Low Power Audio Codec
Sep-2007
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
Low Power Audio Codec
REV. 0
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
Low Power Audio Codec
REV. 0
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
Low Power Audio Codec
Rev. C
SSM2604 AD-SSM2604_17 Datasheet
490Kb / 29P
Low Power Audio Codec
Rev. A
SSM2603 AD-SSM2603_18 Datasheet
504Kb / 31P
Low Power Audio Codec
7/2018-Rev. C to Rev. D
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
Low Power Audio Codec
8/2018-Rev. A to Rev. B
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
Low Power Audio CODEC
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
Low Power Audio CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com