Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9028-CTA Datasheet (PDF) - Gennum Corporation

GS9028-CTA Datasheet PDF - Gennum Corporation
Part # GS9028-CTA
Download  GS9028-CTA Download
File Size   106.56 Kbytes
Page   7 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Cable Driver with Two Adjustable Outputs

GS9028-CTA Datasheet (PDF)

Go To PDF Page Download Datasheet
GS9028-CTA Datasheet PDF - Gennum Corporation

Part # GS9028-CTA
Download  GS9028-CTA Click to download

File Size   106.56 Kbytes
Page   7 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description Cable Driver with Two Adjustable Outputs

GS9028-CTA Datasheet (HTML) - Gennum Corporation


GS9028-CTA Product details

DESCRIPTION
The GS9028 is a second generation bipolar integrated circuit designed to drive two 75Ω co-axial cables.
The GS9028 features two complementary outputs whose amplitude is controlled within ± 7%. The output signal levels are also adjustable from as low as 50mV to as high as 1000mV with little change in other performance parameters. The output amplitude of the output stage is varied by adjusting the RSET resistor value.

FEATURES
• SMPTE 259M compliant
• two complementary outputs, adjustable from 50 to 1000mVp-p into 75Ω loads
• operational from DC to 622Mb/s
• nominal 470ps rise and fall times
• < ±7% output amplitude control
• 45% system power reduction over the GS9008
• no external pulldown resistors required
• input hysteresis
• operational down to 80mV input amplitude
• operates from a single +5 or -5 volt supply
• 8 pin SOIC
• Pb-free and Green

APPLICATIONS
    4ƒsc, 4:2:2, and 4:4:4:4 serial digital video interfaces from 143Mb/s to 540Mb/s; general purpose high speed cable driver applications.




Similar Part No. - GS9028-CTA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9028-CTA GENNUM-GS9028-CTA Datasheet
272Kb / 7P
Cable Driver with Two Adjustable Outputs
GS9028-CTAE3 GENNUM-GS9028-CTAE3 Datasheet
272Kb / 7P
Cable Driver with Two Adjustable Outputs
More results


Similar Description - GS9028-CTA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
Cable Driver with Two Adjustable Outputs
GS9009 ETC-GS9009 Datasheet
129Kb / 4P
GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
logo
Gennum Corporation
GS9008A GENNUM-GS9008A Datasheet
91Kb / 4P
GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
Cable Driver with Two Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com