Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UST1206 Datasheet (PDF) - Schurter Inc.

UST1206 Datasheet PDF - Schurter Inc.
Part # UST1206
Download  UST1206 Download
File Size   310.7 Kbytes
Page   4 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC

UST1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
UST1206 Datasheet PDF - Schurter Inc.

Part # UST1206
Download  UST1206 Click to download

File Size   310.7 Kbytes
Page   4 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC

UST1206 Datasheet (HTML) - Schurter Inc.




Similar Part No. - UST1206

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UST1206 SCHURTER-UST1206 Datasheet
436Kb / 2P
SMD Fuse, 3.2 x 1.6 mm, Slow-Blow, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206_16 Datasheet
280Kb / 3P
SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
More results


Similar Description - UST1206

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
UST1206 SCHURTER-UST1206 Datasheet
436Kb / 2P
SMD Fuse, 3.2 x 1.6 mm, Slow-Blow, 32 VAC, 63 VDC
USI1206 SCHURTER-USI1206 Datasheet
486Kb / 2P
Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
MST250 SCHURTER-MST250 Datasheet
388Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
USI1206 SCHURTER-USI1206_16 Datasheet
327Kb / 3P
Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
UST1206 SCHURTER-UST1206_16 Datasheet
280Kb / 3P
SMD Fuse, 3.2 x 1.6 mm, Time-Lag T, 32 VAC, 63 VDC
MSU250 SCHURTER-MSU250 Datasheet
256Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_18 Datasheet
449Kb / 5P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
USI1206 SCHURTER-USI1206_18 Datasheet
365Kb / 4P
Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
MSU250 SCHURTER-MSU250_V01 Datasheet
300Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom, 250 VAC, 63 VDC
MST250 SCHURTER-MST250_V02 Datasheet
494Kb / 5P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 63 VDC
04.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com