| Electronic Components Datasheet Search |
|
PE-W22TW1001 Datasheet (PDF) - Pasternack Enterprises, Inc. |
PE-W22TW1001 Datasheet (PDF) |
|
Download Datasheet |
| Part # | PE-W22TW1001 |
| Download | PE-W22TW1001 Click to download |
| File Size | 405.08 Kbytes |
| Page | 3 Pages |
| Manufacturer | PASTERNACK [Pasternack Enterprises, Inc.] |
| Direct Link | http://www.pasternack.com/ |
| Logo | |
| Description | WR-22 90 Degree Waveguide Twist With a UG-383/U Flange Operating From 33 GHz to 50 GHz |
PE-W22TW1001 Datasheet (HTML) - Pasternack Enterprises, Inc. |
Similar Part No. - PE-W22TW1001 |
|
Similar Description - PE-W22TW1001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |