| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX1304
|
487Kb / 36P |
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04 |
|
MAX1316
|
250Kb / 27P |
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08 |
|
MAX1304
|
414Kb / 37P |
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09 |
|
MAX11044
|
1Mb / 27P |
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11 |
|
MAX11047
|
1Mb / 25P |
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11 |
|
MAX1304
|
368Kb / 37P |
8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11 |
|
MAX11044
|
1Mb / 27P |
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11 |
|
MAX11044
|
3Mb / 28P |
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
|
|
MAX1307
|
349Kb / 28P |
1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04 |
|
MAX1304
|
2Mb / 37P |
8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015 |